Electronic Components Datasheet Search
  English  ▼

X  

SSM2122 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2122
Description  DYNAMIC RANGE PROCESSOR/DUAL VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2122 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2122 Datasheet HTML 2Page - Analog Devices SSM2122 Datasheet HTML 3Page - Analog Devices SSM2122 Datasheet HTML 4Page - Analog Devices SSM2122 Datasheet HTML 5Page - Analog Devices SSM2122 Datasheet HTML 6Page - Analog Devices SSM2122 Datasheet HTML 7Page - Analog Devices SSM2122 Datasheet HTML 8Page - Analog Devices SSM2122 Datasheet HTML 9Page - Analog Devices SSM2122 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
5/90, Rev. B1
SSM-2120/SSM-2122 DYNAMIC RANGE PROCESSOR/DUAL VCA
b)
a) CONTROL CIRCUIT
FIGURE 6:
Noise Gate/Downward Expander Control Circuit and Typical Response.
FIGURE 7:
Compressor/Limiter Control Circuit and Typical Response.
lar control output. This is typically used in noise gate, downward
expander, and dynamic filter applications. This potentiometer is
used in all applications to control the signal level versus control
voltage characteristics.
In the noise gate, downward expander and compressor/limiter
applications, this potentiometer will establish the onset of the
control action. The sensitivity of the control action depends on
the value of R
T
.
For a positive unipolar control output add two diodes as shown
in Figure 7a. This is useful in compressor/limiter applications.
Figure 7b shows a typical response.
Bipolar control outputs can be realized by adding a resistor from
the op amp output to V+. This is useful in compandor circuits as
APPLICATIONS
The following applications for the SSM-2120 use both the VCAs
and level detectors in conjunction to assimilate a variety of func-
tions.
The first section describes the arrangement of the threshold
control in each control circuit configuration. These control cir-
cuits form the foundation for the applications to follow which in-
clude the downward expander, compressor/limiter and compan-
dor.
THRESHOLD CONTROL
Figure 6a shows the control circuit for a typical downward ex-
pander while Figure 6b shows a typical control curve. Here, the
threshold potentiometer adjusts V
T
to provide a negative unipo-
b)
a) CONTROL CIRCUIT
TYPICAL DOWNWARD EXPANDER
CONTROL CURVE
VIN(dB)
+
VCON
–
VIN(dB)
*
*LOWER LIMIT CAN BE FIXED BY CONNECTING
A RESISTOR RLL FROM RECIN TO GROUND
THRESHOLD
+
–
TO –VC
200
Ω
CON
OUT
1k
Ω
THRESH
THRESHOLD
CONTROL
VT
V+
LOG AV
CAV
|IIN|
MONO
OR R
+
2V
+
–
REC IN
RIN
RIN
+
L
MONO – RIN = 10kΩ
STEREO – RIN = 20kΩ
1.5M
Ω
V–
39k
Ω
V+
RPV
V–
RT
RCON
TYPICAL COMPRESSOR/LIMITER
CONTROL CURVE
VIN(dB)
VIN(dB)
*
*UPPER LIMIT CAN BE FIXED BY VALUE OF PULL UP
RESISTOR (RPV) CONNECTED TO POSITIVE SUPPLY
THRESHOLD
+
VCON
–
+
–
TO +VC
200
Ω
CON
OUT
39k
Ω
THRESHOLD CONTROL
V–
RT
VT
V+
LOG AV
CAV
|IIN|
MONO
OR R
+
2V
+
–
RLL
REC
IN
RIN
RIN
+
L
MONO – RIN = 10kΩ
STEREO – RIN = 20kΩ
RCON
1.5M
Ω
V–
1k
Ω
V–
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com