Electronic Components Datasheet Search
  English  ▼

X  

SSM2161 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2161
Description  6 and 4 Channel, Clickless Serial Input Balance/Master Volume Controls
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2161 Datasheet(HTML) 4 Page - Analog Devices

  SSM2161 Datasheet HTML 1Page - Analog Devices SSM2161 Datasheet HTML 2Page - Analog Devices SSM2161 Datasheet HTML 3Page - Analog Devices SSM2161 Datasheet HTML 4Page - Analog Devices SSM2161 Datasheet HTML 5Page - Analog Devices SSM2161 Datasheet HTML 6Page - Analog Devices SSM2161 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SSM2160/SSM2161
REV. A
–4–
1
0.010
0.0005
010
0.1
1
0.001
0.1
Figure 1. THD vs. Amplitude (Gain = 0 dB, VSY = ±5 V)
MASTER DAC:
CHANNEL DACs:
0 0 0 0 0 0 0
–127 dB
1 1 1 1 1 1 1
0 dB
0 0 0 0 0
+31 dB
1 1 1 1 1
0 dB
Figure 2. Data Settings for DACs
SELECTION
ADDRESS MODE
ADDRESS
DATA MODE
DATA
7-BIT MASTER DAC
5-BIT CHANNEL DAC 1
5-BIT CHANNEL DAC 2
5-BIT CHANNEL DAC 3
5-BIT CHANNEL DAC 4
5-BIT CHANNEL DAC 5
5-BIT CHANNEL DAC 6
NO DAC SELECTED
1
1
1
1
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
X
X
X
X
X
X
X
X = "DON'T CARE"
SHADED AREA IS DATA
0 = MUTE,
1 = UN-MUTE
MSB
MSB
LSB
LSB
Figure 3. Interface Characteristics, DAC Address/Data Decoding
Truth Table
OBSOLETE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com