Electronic Components Datasheet Search
  English  ▼

X  

SSM2161 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2161
Description  6 and 4 Channel, Clickless Serial Input Balance/Master Volume Controls
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2161 Datasheet(HTML) 1 Page - Analog Devices

  SSM2161 Datasheet HTML 1Page - Analog Devices SSM2161 Datasheet HTML 2Page - Analog Devices SSM2161 Datasheet HTML 3Page - Analog Devices SSM2161 Datasheet HTML 4Page - Analog Devices SSM2161 Datasheet HTML 5Page - Analog Devices SSM2161 Datasheet HTML 6Page - Analog Devices SSM2161 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
a
SSM2160/SSM2161
6 and 4 Channel, “Clickless” Serial Input
Balance/Master Volume Controls
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Digitally-Controlled “Clickless” Level Adjustment
SSM2160: Six Channels
SSM2161: Four Channels
Master Control has 128 1 dB Steps
Each Channel has 32 1 dB Steps
Step Sizes Can Be Changed Using External Resistors
High Gain Accuracy
100 dB Gain Range
Power On Mute
Excellent Audio Characteristics:
–100 dBu SNR (0 dBu = 0.775 V rms, VS =
5 V)
+10 dBu Headroom (VS =
5 V)
0.008% THD+N (@ 1 kHz, VIN = –10 dBu, Unity Gain)
–80 dB Crosstalk (@ 1 kHz)
Single or Dual Supply Operation
APPLICATIONS
Dolby* Pro-Logic Master Volume/Balance Control
Home THX† Systems
DSP Soundfield Processors
Automotive Audio Systems
HDTV Audio Systems
REV. A
GENERAL DESCRIPTION
The SSM2160 and SSM2161 allow digital control of volume for
six and four channels, respectively, with a master level control.
“Clicking” normally encountered with resistor-ladder attenua-
tors is eliminated by using high performance Voltage Controlled
Amplifiers (VCAs) in the signal path. The VCA control ports
are driven by DACs with controlled output rate-of-change to in-
sure noiseless volume changes. Each channel is controlled by a
dedicated 5-bit DAC, providing 32 steps of adjustment. In addi-
tion, a master 7-bit DAC feeds every control port, with 128
steps. Therefore, a balance can be achieved among all channels
over a 32 step range, and the master control allows adjustment
over its entire range while maintaining the desired channel-to-
channel balance. Master and channel step sizes are nominally
1 dB; master step sizes can be reduced by an external resistor.
Approximately 80 dB of attenuation and up to 20 dB of gain is
possible. Upon power-up, the output is automatically muted.
The SSM2160/SSM2161 can operate from single supplies of
8 V to 14 V and dual supplies from
±4 V to ±7 V. An on-chip
buffered supply splitter provides an analog common for single-
supply applications.
*Dolby is a registered trademark of Dolby Laboratories Licensing
*Corporation.
†Home THX is a registered trademark of Lucasfilm, Ltd.
FUNCTIONAL BLOCK DIAGRAM
SHIFT REGISTER
AND
ADDRESS
DECODER
POWER
SUPPLY AND
REFERENCE
7-BIT
MASTER
DAC
5-BIT
CHANNEL
DAC
VCA
TO ADDITIONAL CHANNELS
SSM-2160: SIX CHANNEL
SSM-2161: FOUR CHANNEL
VIN
VOUT
AUDIO
CLK
DATA
LD
WRITE
V+
V–
ACOM
∑
OBSOLETE


Similar Part No. - SSM2161

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2161 AD-SSM2161 Datasheet
429Kb / 16P
6- and 4-Channel, Serial Input Master/Balance Volume Controls
REV.0
SSM2161P AD-SSM2161P Datasheet
429Kb / 16P
6- and 4-Channel, Serial Input Master/Balance Volume Controls
REV.0
SSM2161S AD-SSM2161S Datasheet
429Kb / 16P
6- and 4-Channel, Serial Input Master/Balance Volume Controls
REV.0
SSM2161S-REEL AD-SSM2161S-REEL Datasheet
429Kb / 16P
6- and 4-Channel, Serial Input Master/Balance Volume Controls
REV.0
More results

Similar Description - SSM2161

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2160 AD-SSM2160 Datasheet
429Kb / 16P
6- and 4-Channel, Serial Input Master/Balance Volume Controls
REV.0
logo
Mitsubishi Electric Sem...
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
MOSA ELECTRONICS
MS6713 MOSA-MS6713 Datasheet
422Kb / 15P
3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714 Datasheet
419Kb / 15P
4 Stereo Inputs and 2 Channels Output Volume, Tone, Balance, Loudness and Selectable Input Gain
logo
Analog Devices
SSM2160 AD-SSM2160_03 Datasheet
270Kb / 16P
6-Channel, Serial Input Master/Balance Volume Controls
2/03-Data Sheet changed from REV. 0 to REV. A.
logo
MOSA ELECTRONICS
MS6712 MOSA-MS6712 Datasheet
523Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6712 MOSA-MS6712_1 Datasheet
526Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6713 MOSA-MS6713_1 Datasheet
608Kb / 18P
3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com