Electronic Components Datasheet Search
  English  ▼

X  

SSM2161 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2161
Description  6 and 4 Channel, Clickless Serial Input Balance/Master Volume Controls
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2161 Datasheet(HTML) 7 Page - Analog Devices

  SSM2161 Datasheet HTML 1Page - Analog Devices SSM2161 Datasheet HTML 2Page - Analog Devices SSM2161 Datasheet HTML 3Page - Analog Devices SSM2161 Datasheet HTML 4Page - Analog Devices SSM2161 Datasheet HTML 5Page - Analog Devices SSM2161 Datasheet HTML 6Page - Analog Devices SSM2161 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SSM2160/SSM2161
REV. A
–7–
a. Dual Supply
b. Single Supply
c. Single Supply Using External
Reference
+
1
2
V+
0.1µF
10µF
V–
0.1µF
10µF
12
13
DGND
V–
ACOM
(NC)
AGND
V+
+
1
2
V+
0.1µF
10µF
VREF
OUT
12
13
DGND
V–
ACOM
AGND
V+
+
0.1µF
10µF
3
+
1
2
V+
0.1µF
10µF
12
13
DGND
V–
ACOM
(NC)
AGND
V+
EXTERNAL
REFERENCE
Figure 6. SSM2160 Power Supply Connections
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
SSM2160
+
0.1µF
10µF
0.1µF
10µF
+
10µF
RM*
OUT
IN
CH 2
OUT
IN
CH 4
OUT
IN
CH 6
DATA
CLK
OUT
IN
CH 1
OUT
IN
CH 3
OUT
IN
CH 5
V–
WRITE
LD
To change step sizes: Master DAC:
*Use formula RM = 1400X/(1-X):
where “X” equal desired step size in dB.
Note: Step sizes indicated are approximate.
Figure 7. Typical Application Circuit (Dual Supply)
OBSOLETE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com