Electronic Components Datasheet Search
  English  ▼

X  

ADT14 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT14
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT14 Datasheet HTML 2Page - Analog Devices ADT14 Datasheet HTML 3Page - Analog Devices ADT14 Datasheet HTML 4Page - Analog Devices ADT14 Datasheet HTML 5Page - Analog Devices ADT14 Datasheet HTML 6Page - Analog Devices ADT14 Datasheet HTML 7Page - Analog Devices ADT14 Datasheet HTML 8Page - Analog Devices ADT14 Datasheet HTML 9Page - Analog Devices ADT14 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADT14
–6–
REV. 0
APPLICATIONS INFORMATION
Programming the ADT14
To program any of the four temperature trip points, simply set
the voltage at the setpoint pin equal to the voltage expected at
the VPTAT output at the desired trip temperature. The on-
board 2.5 V precision reference provides a temperature stable
output that is used to establish the setpoint voltages. Figure 14
illustrates the basic temperature setpoint configuration. This
parallel resistor ladder configuration uses six resistors to set the
four setpoint voltages.
IL
IL2
R4
IL1
R1
R2
R5
R3
R6
VREF
SET 4
SET 3
SET 2
SET 1
GND
ADT14
HYS
Figure 14. ADT14 Setpoint Programming
For SET4,
T4 = 100
°C
V(SET4) = (T4 + 273.15)(5 mV/K)
For SET1,
T1 = 75
°C
V(SET1) = (T1 + 273.15)(5 mV/K)
Choose IL1 = IL2 = 25
µA,
R1 = (VREF – V[SET4])/IL1
R2 = (V[SET4] – V[SET1])/IL1
R3 = V(SET1)/IL1
For SET3,
T3 = 50
°C
V(SET3) = (T3 + 273.15)(5 mV/K)
For SET2,
T2 = –10
°C
V(SET2) = (T2 + 273.15)(5 mV/K)
Since IL1 = IL2 = 25 µA,
R4 = (VREF – V[SET3])/IL2
R5 = (V[SET3] – V[SET2])/IL2
R6 = V(SET2)/IL2
For the example shown in Figure 14 and the related equations,
Setpoint 4 was chosen as highest temperature trip point, fol-
lowed in order by Setpoint 1, Setpoint 3 and Setpoint 2. The
user may choose to alter this order at will as all the setpoint
inputs and trip point outputs are identical in operation. The
minimum recommended parallel ladder resistance is 12.5 k
Ω.
This maintains a VREF load current less than 200 µA. To avoid
errors, choose 50
µA < I
L < 200
µA.
For those applications where setpoints do not need to be
changed, a single ladder of five resistors can be used. Figure 15
illustrates a single resistor ladder configuration.
50
µA < I
L < 200
µA
R1 = (VREF – V[SET4])/IL
R2 = (V[SET4] – V[SET1])/IL
R3 = (V[SET1] – V[SET3])/IL
R4 = (V[SET3] – V[SET2])/IL
R5 = V(SET2)/IL
IL
R1
R2
R3
VREF
R4
R5
SET4
SET1
SET3
SET2
50 A < IL < 200 A
T4 > T1 > T3 > T2
Figure 15. Single Resistor Ladder
Temperature Hysteresis
Temperature hysteresis is the number of degrees below the
original setpoint temperature that must be sensed by the
ADT14 before the setpoint comparator will be reset and the
open-collector output disabled. Figure 16 shows the hysteresis
profile. Hysteresis is programmed by the user by setting a speci-
fied voltage at the hysteresis pin (See Table I).
HYSTERESIS
HI
LO
TSET2
TSET3
TSET1
TSET4
TEMPERATURE
Figure 16. ADT14 Hysteresis Profile
Table I. Common Hysteresis Values and Voltages
Hysteresis
Connect Pin 11 to
0.65
°C
+2.5 V Reference
1.5
°C
Leave Open
5
°C
Ground
The voltage on Pin 11 programs the internal hysteresis current,
which is mirrored and fed to a buffer controlled by an analog
switch. After a temperature setpoint has been exceeded and a
comparator tripped, the buffer is enabled, allowing hysteresis
current to flow. This current generates a hysteresis offset voltage
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com