Electronic Components Datasheet Search
  English  ▼

X  

ADT14 Datasheet(PDF) 7 Page - Analog Devices

Part # ADT14
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT14 Datasheet HTML 3Page - Analog Devices ADT14 Datasheet HTML 4Page - Analog Devices ADT14 Datasheet HTML 5Page - Analog Devices ADT14 Datasheet HTML 6Page - Analog Devices ADT14 Datasheet HTML 7Page - Analog Devices ADT14 Datasheet HTML 8Page - Analog Devices ADT14 Datasheet HTML 9Page - Analog Devices ADT14 Datasheet HTML 10Page - Analog Devices ADT14 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADT14
–7–
REV. 0
across an internal 1 k
Ω resistor at the comparator input. The
comparator output remains on until the voltage at the compara-
tor input, now equal to VPTAT plus the hysteresis offset, has
returned to the setpoint voltage. At this point the comparator
turns off, the open-collector output is deactivated, and the hys-
teresis current buffer is disabled.
While Table I shows simple pin-programmable hysteresis val-
ues, the user may design for intermediate values of hysteresis
between 0.65
°C and 5°C using a resistive divider. To set the
hysteresis in the range 0.65
°C < T
HYS < 1.5
°C, a resistor is
connected from the HYS pin (Pin 11) to VREF (Pin 14). The
value of the resistor is given by the following equation:
R1
=
57.5
1.5
− Hysteresis
–57.5
For various values of THYS, the table below shows the values for
R1:
Table II
THYS ( C)
R1 (k )
0.7
14.4
0.8
24.6
0.9
38.3
1.0
57.5
1.1
86.3
1.2
134.2
1.3
230
1.4
517.5
To set hysteresis in the range of 1.5
°C < T
HYS < 5
°C, a resistor
is connected from the HYS pin (Pin 11) to the ADT14’s com-
mon (Pin 5). The value of the resistor is given by:
R2
=
201.1
Hysteresis –1.5
–57.5
For various values of THYS, the table below shows values for R2:
Table III
THYS ( C)
R2 (k )
1.6
1953
1.75
746.9
2.0
344.7
2.25
210.6
2.5
143.6
2.75
103.4
3.0
76.6
3.25
57.4
3.50
43.1
3.75
31.8
4.0
22.9
4.25
15.6
4.5
9.5
4.75
4.4
The schematics for the two circuits are shown below. As the
resistor values are approximate, it is a good idea to add a poten-
tiometer for fine adjustments.
VREF
HYS
ADT14
0.65
°C < T
HYS < 1.5°C
HYS
ADT14
1.5
°C < T
HYS < 5°C
R2
P2
R1
P1
Figure 17. Hysteresis Connections for Miscellaneous
Values
Understanding Error Sources
The accuracy of the VPTAT sensor output is well characterized
and specified, however preserving this accuracy in a heating or
cooling control system requires some attention to minimizing
potential error sources. The internal sources of setpoint pro-
gramming error include the initial tolerances and temperature
drifts of the reference voltage VREF, the setpoint comparator
input offset voltage and bias current, and the hysteresis current
scale factor. When evaluating setpoint programming errors,
remember that any VREF error contribution at the comparator
inputs is reduced by the resistor divider ratios. Each comparator’s
input bias current drops to less than 1 nA (typ) when the com-
parator is tripped. This change accounts for some setpoint volt-
age error, equal to the change in bias current multiplied by the
effective setpoint divider ladder resistance to ground.
The thermal mass of the ADT14 package and the degree of
thermal coupling to the surrounding circuitry are the largest
factors in determining the rate of thermal settling, which ulti-
mately determines the rate at which the desired temperature
measurement accuracy may be reached (see Figure 2). Thus,
one must allow sufficient time for the device to reach the final
temperature. The typical thermal time constant for the plastic
SOIC package is approximately 70 seconds in still air. There-
fore, to reach the final temperature accuracy within 1%, a set-
tling time of five time constants, or six minutes, is necessary.
External error sources to consider are the accuracy of the exter-
nal programming resistors, ground voltage errors, and thermal
gradients. The accuracy of the external programming resistors
directly impacts the resulting setpoint accuracy. Thus, in fixed-
temperature applications the user should select resistor toler-
ances appropriate to the desired programming accuracy. Resistor
temperature drift must also be taken into account. This effect
can be minimized by selecting high quality components, and by
keeping all components in close thermal proximity. Applications
requiring high measurement accuracy require great attention to
detail regarding thermal gradients. Careful circuit board layout,
component placement, and protection from stray air currents
are necessary to minimize common thermal error sources. The
user should also take care to keep the bottom of the setpoint
programming divider ladder as close as possible to GND (Pin 5)
to minimize errors due to IR voltage drops and coupling of
external noise sources. In any case, a 0.1
µF capacitor for power
supply bypassing is always recommended at the chip.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com