Electronic Components Datasheet Search
  English  ▼

X  

ADT14 Datasheet(PDF) 10 Page - Analog Devices

Part # ADT14
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT14 Datasheet HTML 6Page - Analog Devices ADT14 Datasheet HTML 7Page - Analog Devices ADT14 Datasheet HTML 8Page - Analog Devices ADT14 Datasheet HTML 9Page - Analog Devices ADT14 Datasheet HTML 10Page - Analog Devices ADT14 Datasheet HTML 11Page - Analog Devices ADT14 Datasheet HTML 12Page - Analog Devices ADT14 Datasheet HTML 13Page - Analog Devices ADT14 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADT14
–10–
REV. 0
TEMP
SENSOR
& VOLTAGE
REFERENCE
HYSTERESIS
GENERATOR
13
14
15
9
10
11
12
16
6
7
8
1
2
3
4
5
NC
NC
VREF
V+
4.7k
Ω
IL
Q1
NC = NO CONNECT
ADT14
Figure 19a. An External Resistor Minimizes Self-Heating
High Current Switching
As mentioned earlier, internal dissipation due to large loads on
the ADT14 outputs will cause some temperature error due to
self-heating. External transistors buffer the load from the ADT14,
so that virtually no power is dissipated in the internal transistors
and minimal self-heating occurs. Figures 19a–19c show a few
examples using external transistors. The simplest case uses a
single transistor on the output to invert the output signal as
shown in Figure 19a. When the open-collector of the ADT14
turns ON and pulls the output down, the external transistor Q1’s
base will be pulled low, turning off the transistor. Another transis-
tor can be added to reinvert the signal as shown in Figure 19b.
Now, when the output of the ADT14 is pulled down, the first
transistor, Q1, turns off and its collector goes high, which turns
on Q2, pulling its collector low. Thus, the output taken from the
collector of Q2 is identical to the output of the ADT14. By pick-
ing a transistor that can accommodate large amounts of current,
many high power devices can be switched.
An example of a higher power transistor is a standard Darlington
configuration as shown in Figure 19c. The part chosen, TIP-110,
can handle 2 A continuous, which is more than enough to control
many high power relays. In fact the Darlington itself can be used
as the switch, similar to MOSFETs and IGBTs.
TEMP
SENSOR
& VOLTAGE
REFERENCE
HYSTERESIS
GENERATOR
13
14
15
9
10
11
12
16
6
7
8
1
2
3
4
5
NC
NC
VREF
V+
4.7k
Ω
IL
Q2
2N1711
4.7k
Ω
Q1
2N1711
NC = NO CONNECT
ADT14
Figure 19b. Second Transistor Maintains Polarity of
ADT14 Output
TEMP
SENSOR
& VOLTAGE
REFERENCE
HYSTERESIS
GENERATOR
13
14
15
9
10
11
12
16
6
7
8
1
2
3
4
5
NC
NC
VREF
V+
4.7k
Ω
IL
2N1711
4.7k
Ω
TIP110
RELAY
+12V
NC = NO CONNECT
ADT14
Figure 19c. Darlington Transistor Can Handle Large Currents
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com