Electronic Components Datasheet Search
  English  ▼

X  

ADT14 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT14
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14 Datasheet(HTML) 1 Page - Analog Devices

  ADT14 Datasheet HTML 1Page - Analog Devices ADT14 Datasheet HTML 2Page - Analog Devices ADT14 Datasheet HTML 3Page - Analog Devices ADT14 Datasheet HTML 4Page - Analog Devices ADT14 Datasheet HTML 5Page - Analog Devices ADT14 Datasheet HTML 6Page - Analog Devices ADT14 Datasheet HTML 7Page - Analog Devices ADT14 Datasheet HTML 8Page - Analog Devices ADT14 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADT14
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
Quad Setpoint, Programmable
Temperature Monitor and Controller
FUNCTIONAL BLOCK DIAGRAM
VOLTAGE
REFERENCE
AND
SENSOR
CURRENT
MIRROR
WINDOW
COMPARATORS
HYSTERESIS
VOLTAGE
TEMPERATURE
OUTPUT
HYSTERESIS
SETPOINT
OUTPUT 1
SETPOINT
OUTPUT 2
SETPOINT
OUTPUT 3
SETPOINT
OUTPUT 4
VPTAT
2.5V
VREF
SET 1
SET 2
SET 3
SET 4
GND
V+
ADT14
PIN CONFIGURATIONS
DIP & SO
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
ADT14
NC = NO CONNECT
OUTPUT 1
V+
2.5V REFERENCE
SETPOINT 4
OUTPUT 4
SETPOINT 1
NC
NC
SETPOINT 3
HYSTERESIS
NC
GROUND
VPTAT
SETPOINT 2
OUTPUT 2
OUTPUT 3
FEATURES
Four Programmable Temperature Setpoints
Programmable Thermal Hysteresis
Accuracy
3 C Typ from –40 C to +125 C
Temperature Output Scale Factor = 5 mV/K
Resistor Programmable Temperature Setpoints
5 mA Open-Collector Setpoint Outputs
Internal 2.5 V Reference
600
A Max Quiescent Current at +5 V
APPLICATIONS
Power Supply Monitor and Control System
Multiple Fan Controller System
Workstation Thermal Management System
GENERAL DESCRIPTION
The ADT14 is a temperature sensor and controller that generates
an output voltage proportional to temperature and provides four
temperature trip points. The four trip points, or temperature
setpoints, and their hysteresis are determined by voltage levels set
by the user. An on-chip voltage reference provides an easy method
for setting the temperature trip points.
The ADT14 consists of a bandgap voltage reference combined
with four matched comparators. The reference provides both a
temperature-stable 2.5 V output, and a voltage proportional to
absolute temperature (VPTAT) which has a precise temperature
coefficient of 5 mV/K = 5 mV/(
°C +273.15). The VPTAT out-
put is nominally 1.49 V at +25
°C. The comparators determine
whether the VPTAT output is above the voltages set up by
external resistive dividers (temperature trip points) and generate
an open-collector output signal when one of their respective
thresholds has been exceeded.
Hysteresis is programmed by a user-selected voltage at the hys-
teresis pin. This voltage adjusts the hysteresis current which is
used to generate a hysteresis offset voltage. The comparator’s
noninverting inputs are connected in parallel, which guarantees
that there is no hysteresis overlap and eliminates erratic transi-
tions between adjacent trip zones.
Using a proprietary thin-film resistor process in conjunction
with production laser trimming, a temperature accuracy of
±3°C
at 25
°C is guaranteed. The open-collector outputs are capable
of sinking 5 mA, and provide TTL/CMOS logic compatibility
with an external pull-up resistor. Operating from a single 5 V
supply, the quiescent current is 600
µA max.
The ADT14 is available in the 16-lead epoxy DIP and SO
(small outline) packages.
OBSOLETE


Similar Part No. - ADT14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV.0
ADT14GP AD-ADT14GP Datasheet
338Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV.0
ADT14GS AD-ADT14GS Datasheet
338Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV.0
More results

Similar Description - ADT14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD596 AD-AD596 Datasheet
202Kb / 8P
Thermocouple Conditioner and Setpoint Controller
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
Intelligent Temperature Monitor and PWM Fan Controller
REV.0
ADT14 AD-ADT14 Datasheet
338Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV.0
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
Thermocouple Conditioner and Setpoint Controller
REV. B
AD597AHZ AD-AD597AHZ Datasheet
778Kb / 8P
Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596_15 Datasheet
778Kb / 8P
THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
AD597 AD-AD597_15 Datasheet
778Kb / 8P
THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
logo
Linear Technology
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
Quad I2C Voltage, Current and Temperature Monitor
logo
Red Lion Controls. Inc
TSC11001 REDLION-TSC11001 Datasheet
1Mb / 8P
MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com