Electronic Components Datasheet Search
  English  ▼

X  

ADT14 Datasheet(PDF) 15 Page - Analog Devices

Part # ADT14
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADT14 Datasheet HTML 8Page - Analog Devices ADT14 Datasheet HTML 9Page - Analog Devices ADT14 Datasheet HTML 10Page - Analog Devices ADT14 Datasheet HTML 11Page - Analog Devices ADT14 Datasheet HTML 12Page - Analog Devices ADT14 Datasheet HTML 13Page - Analog Devices ADT14 Datasheet HTML 14Page - Analog Devices ADT14 Datasheet HTML 15Page - Analog Devices ADT14 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADT14
–15–
REV. 0
Figure 30 illustrates the system described in the previous para-
graph, where each trip-point output corresponds to a 25% re-
duction in power when tripped. This is accomplished by the
dual rail-to-rail precision OP284 op amp configured as an in-
verting summer in the first stage, and as a V/I converter in the
second stage.
Suppose, however, that the heating element at a reduced power
level is unable to raise the ambient temperature to the desired
setting. This issue can be addressed by using a microcontroller
as shown in Figure 28. The microcontroller allows the time for
the given volume of material to heat up from a low trip-point
temperature to the next highest temperature trip-point to be
measured. If this time is too long, the microcontroller could add
additional power to the heater by altering a setpoint level.
1/2 OP284
1/2 OP284
10k
Ω
10k
Ω
10k
Ω
10k
Ω
2.49k
Ω
ADT14
TRIP4 (0%)
TRIP3 (25%)
TRIP2 (50%)
TRIP1 (75%)
2.5VREF
VCC
+5V
+5V
+5V
HEATING
ELEMENT
Q1
Figure 30. Combination Trip-Point Output
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com