Electronic Components Datasheet Search
  English  ▼

X  

SSM2163 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2163
Description  Digitally Controlled 8 3 2 Audio Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2163 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2163 Datasheet HTML 3Page - Analog Devices SSM2163 Datasheet HTML 4Page - Analog Devices SSM2163 Datasheet HTML 5Page - Analog Devices SSM2163 Datasheet HTML 6Page - Analog Devices SSM2163 Datasheet HTML 7Page - Analog Devices SSM2163 Datasheet HTML 8Page - Analog Devices SSM2163 Datasheet HTML 9Page - Analog Devices SSM2163 Datasheet HTML 10Page - Analog Devices SSM2163 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SSM2163
REV. 0
–7–
FREQUENCY – Hz
20.000
10.000
–80.00
20
20k
0.0
100
–10.00
–20.00
–30.00
1k
–50.00
–60.00
10k
–40.00
–70.00
AV = 0dB
AV = –20dB
AV = –40dB
VS = ±5V
LPF = 22kHz
RL = 100kΩ
TA = +25°C
Figure 4. Frequency Response
AMPLITUDE – V rms
0.001
0.1
5
1
1
0.1
VS = ±5V
VS = ±7V
0.010
AV = 0dB
FREQ = 1kHz
LPF = 22kHz
RL = 100kΩ
TA = +25°C
Figure 5. THD+N vs. Amplitude
THD – %
1400
1050
0
0.0
0.012
0.002
0.004
0.006
0.008
0.010
700
350
VS = ±5V
TA = +25°C
Figure 6. THD Distribution
FREQUENCY – kHz
020
2
4
6
8
10
12
14
16
18
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
22
24
VS = ±5V
VIN = 0dBu
AV = 0dB
Notch F = 1kHz
RL = 100kΩ
TA = +25°C
Figure 7. (THD+N) = 1 kHz Tone at 0 dBu (4k-Point FFT)
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com