Electronic Components Datasheet Search
  English  ▼

X  

SSM2163 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM2163
Description  Digitally Controlled 8 3 2 Audio Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2163 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM2163 Datasheet HTML 8Page - Analog Devices SSM2163 Datasheet HTML 9Page - Analog Devices SSM2163 Datasheet HTML 10Page - Analog Devices SSM2163 Datasheet HTML 11Page - Analog Devices SSM2163 Datasheet HTML 12Page - Analog Devices SSM2163 Datasheet HTML 13Page - Analog Devices SSM2163 Datasheet HTML 14Page - Analog Devices SSM2163 Datasheet HTML 15Page - Analog Devices SSM2163 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SSM2163
REV. 0
–16–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Pin Plastic DIP
(N-28)
28
1
14
15
1.565 (39.70)
1.380 (35.10)
0.580 (14.73)
0.485 (12.32)
PIN 1
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.200 (5.05)
0.125 (3.18)
0.150
(3.81)
MIN
SEATING
PLANE
0.250
(6.35)
MAX
0.100
(2.54)
BSC
0.070
(1.77)
MAX
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.125 (3.18)
0.625 (15.87)
0.600 (15.24)
28-Pin SOIC
(R-28)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
°
0
°
0.0291 (0.74)
0.0098 (0.25)
x 45
°
0.7125 (18.10)
0.6969 (17.70)
PIN 1
29
15
14
1
number stored in LEVEL_VALUE is the attenuation value,
expressed in –dB, so larger values will decrease volume. Also,
the register must not be allowed to increment beyond 7FH
because the MSB will be set and the SSM2163 will interpret
the value as an address. Therefore, the two highest bits of
LEVEL_VALUE should be cleared by ANDing the register
with 3FH.)
If the
µC’s hardware serial port is being user for other purposes,
the SSM2163 can be loaded by using the parallel port. A typical
parallel interface is shown in Figure 31. The serial data is
transmitted to the SSM2163 via the 80C51’s Port 1.6 output,
while Port 1.5 acts as the serial clock.
P1.6
P1.5
P1.4
P1.3
80C51 µC
+5V
10k
DATA IN
CLK
WRITE
LD
SYSMUTE
SSM2163
NOTE: ADDITIONAL PINS OMITTED FOR CLARITY
Figure 31. An SSM2163 to 80C51
µC Interface Using
Parallel Port 1
Software for the interface of Figure 31 is straightforward.
Typically, the
µC will repeatedly shift the value to be sent, for
example from register LEVEL_VALUE, into the carry bit. Port
P1.6 is then set or reset based on the carry bit, and Port P1.5 is
strobed low and then high to create a clock pulse. After eight
loops, the value will have been sent to the SSM2163. Note that
all eight bits should be sent, even though only six bits are
significant. If only six bits are shifted in, the two low order bits
of the previous value will remain in the MSBs of the shift
register. If this action results in the MSB being a one, the
SSM2163 will interpret this as an address and unpredictable
results will occur.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com