Electronic Components Datasheet Search
  English  ▼

X  

SSM2163 Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2163
Description  Digitally Controlled 8 3 2 Audio Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2163 Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2163 Datasheet HTML 8Page - Analog Devices SSM2163 Datasheet HTML 9Page - Analog Devices SSM2163 Datasheet HTML 10Page - Analog Devices SSM2163 Datasheet HTML 11Page - Analog Devices SSM2163 Datasheet HTML 12Page - Analog Devices SSM2163 Datasheet HTML 13Page - Analog Devices SSM2163 Datasheet HTML 14Page - Analog Devices SSM2163 Datasheet HTML 15Page - Analog Devices SSM2163 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SSM2163
REV. 0
–14–
SSM2163
VOUTL
VOUTR
14
15
+V +5V
1/2
OP279
1/2
OP279
16
Ω
16
Ω
+
+
220µF
220µF
50k
50k
LEFT
HEADPHONE
RIGHT
HEADPHONE
Figure 28. A Single-Supply Stereo Headphone Driver
The op amp’s input offset voltage is only 4 mV maximum, so
the SSM2163 output can be dc coupled. The headphone output
is ac coupled through a 220
µF capacitor. The large coupling
capacitor is required because of the low impedance of the
headphones, which can range from 32
Ω to 600 Ω. An additional
16
Ω resistor is used in series with the output capacitor to protect
the op amp’s output stage by limiting capacitor discharge current.
Microcomputer Interfaces
The SSM2163 serial data input provides an easy interface to a
variety of single chip microcomputers (
µCs). Many µCs have a
built-in serial data capability which can be used for
communicating with the SSM2163. In cases where no serial
port is provided, or it is being used for some other purpose
(such as an RS-232 communications interface), the SSM2163
can easily be addressed in software.
The SSM2163 can operate in either a 3-wire or 4-wire mode.
In most cases, the 3-wire mode is more practical, due to
reduced PC board traces and compatibility with
µC serial
interface protocols. A typical interface, using the 80C51
µC, is
shown in Figure 29, while the interface waveforms are shown in
the Timing Diagram, 3-Wire Mode, Figure 1.
(P3.0) RxD
(P3.1) TxD
P1.4
P1.3
80C51 µC
+5V
10k
DATA IN
CLK
WRITE
LD
SYSMUTE
SSM2163
NOTE: ADDITIONAL PINS OMITTED FOR CLARITY
Figure 29. Interfacing the 80C51
µC to an SSM2163 in
3-Wire Mode
Port in 4-Wire Mode
In some cases, it may be desirable to synchronize the outputs of
several SSM2163s. The 4-wire mode, shown in Figure 30,
provides this capability. As shown in Figure 2, the Timing
Diagram, 4-Wire Mode, the input shift register is loaded with
data while the WRITE input is low. However, the data will not
be latched into the SSM2163’s internal registers until the
rising edge of the LOAD input. In this manner, any number
of SSM2163s can be loaded with data, while the amplitude and
mixer changes will not occur until the separate LOAD pulse
occurs.
(P3.0) RxD
(P3.1) TxD
P1.4
P1.3
80C51 µC
+5V
10k
DATA IN
CLK
WRITE
LD
SYSMUTE
SSM2163
NOTE: ADDITIONAL PINS OMITTED FOR CLARITY
P1.2
Figure 30. Interfacing the 80C51
µC to an SSM2163 in
4-Wire Mode
An 80C51
C Interface
A typical interface between the SSM2163 and an 80C51
µC is
shown in Figure 30. This interface uses the 80C51’s internal
serial port. The serial port is programmed for Mode 0 operation,
which functions as a simple 8-bit shift register. The 80C51’s Port
3.0 pin functions as the serial data output, while Port 3.1 serves
as the serial clock.
When data is written to the serial buffer register (SBUF, at
Special Function Register location 99H), the data is
automatically converted to serial format and clocked out via
Port 3.0 and Port 3.1. After 8 bits have been transmitted, the
Transmit Interrupt flag (SCON.1) is set and the next 8 bits
can be transmitted.
The 80C51 transmits serial data in Least Significant Bit (LSB)-
first format. The SSM2163, on the other hand, requires data in
MSB format. A BYTESWAP routine swaps the order of the bits
before transmission.
The SSM2163 requires the Chip Select to go low at the begin-
ning of the serial data transfer. After each 8 bits (either address
or attenuation value) are transmitted, Chip Select must go high
to latch data into the appropriate register. Chip Select is controlled
by the 80C51’s port 1.4 pin.
Software for the 80C51 Interface
A software routine for the SSM2163 to 80C51 interface is
shown in Listing 1. The routine transfers the 6-bit attenuation
level stored at data memory location LEVEL_VALUE to the
SSM2163 input addressed by the contents of location
INPUT_ADDR, and turns the Left and/or Right mixer channels
on/off based on bits 3 and 4 of INPUT_ADDR.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com