Electronic Components Datasheet Search
  English  ▼

X  

SSM2163 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2163
Description  Digitally Controlled 8 3 2 Audio Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2163 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2163 Datasheet HTML 4Page - Analog Devices SSM2163 Datasheet HTML 5Page - Analog Devices SSM2163 Datasheet HTML 6Page - Analog Devices SSM2163 Datasheet HTML 7Page - Analog Devices SSM2163 Datasheet HTML 8Page - Analog Devices SSM2163 Datasheet HTML 9Page - Analog Devices SSM2163 Datasheet HTML 10Page - Analog Devices SSM2163 Datasheet HTML 11Page - Analog Devices SSM2163 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SSM2163
REV. 0
–8–
FREQUENCY – Hz
0.001
20
20k
100
1
0.1
0.010
1k
10k
VS = ±5V
VIN = 0dBu
AV = 0dB
LPF = 22kHz
RL = 100kΩ
TA = +25°C
Figure 8. THD+N vs. Frequency
FREQUENCY – Hz
0.001
20
20k
100
1
0.1
0.010
VIN = 0dBu
AV = 0dB
LPF = 22kHz
RL = 100kΩ
TA = +25°C
1k
10k
0.005
VS = 4.5V
VS = 5V
VS = 7V
VS = 10V
VS = 12V
Figure 9. THD+N vs. Frequency – Single Supply
AMPLITUDE – V rms
0.001
0.1
5
1
1
0.1
0.010
VS = 5V
AV = 0dB
FREQ = 1kHz
LPF = 22kHz
RL = 100kΩ
TA = +25°C
VS = 14V
Figure 10. THD+N vs. Amplitude – Single Supply
AMPLITUDE – V rms
0.001
0.1
5
1
1
0.1
0.010
VS = 4.5V
VS = 5V
VS = 5.5V
AV = 0dB
FREQ = 1kHz
LPF = 22kHz
RL = 100kΩ
TA = +25°C
Figure 11. THD+N vs. Amplitude – Single Supply
10
0%
100
90
10µS
50mV
VS = ±5V
AV = 1
NO LOAD
TA = +25°C
Figure 12. Small Signal Transient Response
10
0%
100
90
10µS
50mV
VS = ±5V
AV = 1
CL = 10,000pF
TA = +25°C
Figure 13. Small Signal Transient Response
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com