Electronic Components Datasheet Search
  English  ▼

X  

SSM2163 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2163
Description  Digitally Controlled 8 3 2 Audio Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2163 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2163 Datasheet HTML 6Page - Analog Devices SSM2163 Datasheet HTML 7Page - Analog Devices SSM2163 Datasheet HTML 8Page - Analog Devices SSM2163 Datasheet HTML 9Page - Analog Devices SSM2163 Datasheet HTML 10Page - Analog Devices SSM2163 Datasheet HTML 11Page - Analog Devices SSM2163 Datasheet HTML 12Page - Analog Devices SSM2163 Datasheet HTML 13Page - Analog Devices SSM2163 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SSM2163
REV. 0
–10–
THEORY OF OPERATION
The SSM2163 is an eight-input, two-output audio mixer and
attenuator. The device provides eight analog inputs, each of
which can be individually attenuated by 0 dB to 63 dB in 1 dB
steps (see the SSM2163 simplified block diagram). The eight
signals can then be mixed into one or both of two analog
outputs. The channel attenuation level and mixer functions
are controlled by digital registers, which are loaded via a
serial interface. A hardware mute input is included to
asynchronously force all inputs into the muted state.
Analog Section
The analog signal path is shown in Figure 20. Each analog input
has a nominal impedance of 10 k
Ω. Each input therefore
appears as a digitally programmable 10 k
Ω potentiometer. The
SSM2163 input impedance remains constant as the attenuation
level changes. Therefore, the sources which drive the SSM2163
do not have to drive complex and variable impedances.
The attenuated analog input is applied to the left and right
channel inputs of the mixer. Each mixer channel consists of an
analog switch and a buffer amplifier. If the channel is selected
(via the appropriate bit in the mixer control register), the analog
switch is turned on. The buffer amplifier is included after the
analog switch so that the gain of each channel will not be
affected by the potentiometer setting or by the on-resistance
(RDS(ON)) of the switch.
Each mixer channel which is ON is then summed into its
respective (Left or Right) mixer summing amplifier. (If both of
the mixer channels are ON, then the attenuated analog input
will be applied to both the Left and Right summing amplifiers.)
The buffered output of the summing amplifier will supply
±500 µA to an external load.
R1
R2
VIN1
R63
AGND
1 OF 63
DECODER
ATTENTION VALUE
FROM DATA REGISTER
NOTE: ONLY ONE OF EIGHT CHANNELS
SHOWN FOR CLARITY
ATTENUATOR
AGND
AGND
CH1L
SELECT
CH1R
SELECT
MIXER
SWITCH
MIXER
BUFFER AMP
TO INPUTS
VIN2 – VIN8
K = 1
K = 1
VOUTL
VOUTR
OUTPUT
BUFFER
SUMMING
AMPLIFIER
Figure 20. SSM2163 Analog Signal Path
Digital Interface
The digital interface consists of two banks of 8 data registers
with a serial interface (Figure 21). One register bank holds the
left/right mixer control bits, while the other register bank holds
the 6-bit attenuator value.
TO ATTENUATOR
SWITCHES
TO MIXER
SWITCHES
ATTENUATOR
LEVEL
DATA
LATCHES
(6 BITS)
LEFT/RIGHT
CHANNEL
CONTROL
LATCHES
(2 BITS)
RESET
MUTE
INPUT
DATA
CLOCK
INPUT SHIFT REGISTER
SERIAL DATA
OUTPUT
LOAD
CLK
CLK
DATA IN
CLK
WRITE
Figure 21. SSM2163 Serial Data Interface Block Diagram
To access the SSM2163, the host controller (typically a micro-
computer) writes a value to the serial shift register which selects
the appropriate input channel register for subsequent attenuator-
load operations. This write operation also controls the left and
right mixer switches. The next write operation then loads the
6-bit attenuator level into the appropriate register. If a series of
values are going to be written to the same address, for instance
when fading a channel, then only one write operation to the
address register is required.
Serial Data Control Inputs
The SSM2163 provides a simple 3- or 4-wire serial interface
(Figures 22 and 23). Data is input on the DATA IN pin, while
CLK is the serial clock. Data can be shifted into the SSM2163
clock rates up to 1 MHz.
The shift register clock, CLK, is enabled when the WRITE
input is low. The WRITE pin can therefore be used as a chip
select input. However, the shift register contents are not
transferred to the register banks until the rising edge of LOAD.
In most cases, WRITE and LOAD will be tied together, forming
a traditional 3-wire serial interface. See the Microcomputer
Interfaces section of this data sheet for more information.
To enable a data transfer, the WRITE and LOAD inputs are
driven low. The 8-bit serial data, formatted MSB first, is input
on the DATA IN input and clocked into the shift register on the
rising edge of CLK. The data is latched on the rising edge of
WRITE and LOAD. If the data is an address, then the mixer
control is updated. If the data is an attenuator value the rising
edge of WRITE and LOAD will update the appropriate
attenuator value.
MUTE Input
The MUTE pin provides a hardware input to force all the
SSM2163 channels into the muted state. The MUTE input is
active HIGH. Most
µC I/O pins are in a high impedance state or
configured as inputs at power-up, so the SSM2163 will
automatically be muted at power-up. A 10 k
Ω resistor to +5 V is
recommended, to ensure that MUTE is pulled high reliably.
The MUTE input can also be driven from a
µC’s RESET signal
to force a power-on mute.
In addition to power-on, the MUTE input can be used to
asynchronously mute all channels at any time. The mute
function of the SSM2163 does not affect the attenuator values
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com