Electronic Components Datasheet Search
  English  ▼

X  

IDT72021 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72021
Description  CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72021 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72021 Datasheet HTML 2Page - Integrated Device Technology IDT72021 Datasheet HTML 3Page - Integrated Device Technology IDT72021 Datasheet HTML 4Page - Integrated Device Technology IDT72021 Datasheet HTML 5Page - Integrated Device Technology IDT72021 Datasheet HTML 6Page - Integrated Device Technology IDT72021 Datasheet HTML 7Page - Integrated Device Technology IDT72021 Datasheet HTML 8Page - Integrated Device Technology IDT72021 Datasheet HTML 9Page - Integrated Device Technology IDT72021 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
5.09
6
MILITARY AND COMMERCIAL TEMPERATURE RANGES
IDT72021, IDT72031, IDT72041
CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
AC ELECTRICAL CHARACTERISTICS — IDT72031, IDT72041(1)
(Commercial: VCC = 5.0V
±10%, TA = 0°C to +70°C; Military: VCC = 5V±10%, TA = –55°C to +125°C)
Com'l
Mil.
Com'l and Mil.
72031L35
72031L40
72031L50
72041L35
72041L40
72041L50
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Shift Frequency
—
22.2
—
20
—
15
MHz
tRC
R Cycle Time
45
—
50
—
65
—
ns
tA
Access Time
—
35
—
40
—
50
ns
tRR
R Recovery Time
10
—
10
—
15
—
ns
tRPW
R Pulse Width(2)
35
—
40
—
50
—
ns
tRLZ
R Pulse LOW to Data Bus at Low-Z(3)
5—
5—
10
—
ns
tWLZ
W Pulse HIGH to Data Bus at Low-Z(3,4)
5—
5—
5—
ns
tDV
Data Valid from
R Pulse HIGH
5
—
5
—
5
—
ns
tRHZ
R Pulse HIGH to Data Bus at High-Z(3)
—
20
—
25
—
30
ns
tWC
W Cycle Time
45
—
50
—
65
—
ns
tWPW
W Pulse Width(2)
35
—
40
—
50
—
ns
tWR
W Recovery Time
10
—
10
—
15
—
ns
tDS
Data Set-up Time
18
—
20
—
30
—
ns
tDH
Data Hold Time
0
—
0
—
5
—
ns
tRSC
RS Cycle Time
45
—
50
—
65
—
ns
tRS
RS Pulse Width(2)
35
—
40
—
50
—
ns
tRSS
RS Set-up Time
35
—
40
—
50
—
ns
tRSR
RS Recovery Time
10
—
10
—
15
—
ns
tRTC
RT Cycle Time
45
—
50
—
65
—
ns
tRT
RT Pulse Width(2)
35
—
40
—
50
—
ns
tRTR
RT Recovery Time
10
—
10
—
15
—
ns
tRSF1
RS to EF and AEF LOW
—
45
—
50
—
65
ns
tRSF2
RS to HF and FF HIGH
—
45
—
50
—
65
ns
tREF
R LOW to EF LOW
—
30
—
35
—
45
ns
tRFF
R HIGH to FF HIGH
—
30
—
35
—
45
ns
tRPE
R Pulse Width After EF HIGH
35
—
40
—
50
—
ns
tWEF
W HIGH to EF HIGH
—
30
—
35
—
45
ns
tWFF
W LOW to EF LOW
—
30
—
35
—
45
ns
tWHF
W LOW to HF LOW
—
45
—
50
—
65
ns
tRHF
R HIGH to HF HIGH
—
45
—
50
—
65
ns
tWPF
W Pulse Width after FF HIGH
35
—
40
—
50
—
ns
tRF
R HIGH to Transitioning AEF
—
45
—
50
—
65
ns
tWF
W LOW to Transitioning AEF
—
45
—
50
—
65
ns
tOEHZ
OE HIGH to High-Z (Disable)(3)
017
0
20
025
ns
tOELZ
OE LOW to Low-Z (Enable)(3)
017
0
20
025
ns
tAOE
OE LOW Data Valid (Q0–Q8)
—
20
—
25
—
30
ns
NOTES:
2677 tbl 09
1. Timings referenced as in AC Test Conditions.
2. Pulse widths less than minimum value are not allowed.
3. Values guaranteed by design, not currently tested.
4. Only applies to read data flow-through mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com