Electronic Components Datasheet Search
  English  ▼

X  

IDT72021 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # IDT72021
Description  CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72021 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button IDT72021 Datasheet HTML 6Page - Integrated Device Technology IDT72021 Datasheet HTML 7Page - Integrated Device Technology IDT72021 Datasheet HTML 8Page - Integrated Device Technology IDT72021 Datasheet HTML 9Page - Integrated Device Technology IDT72021 Datasheet HTML 10Page - Integrated Device Technology IDT72021 Datasheet HTML 11Page - Integrated Device Technology IDT72021 Datasheet HTML 12Page - Integrated Device Technology IDT72021 Datasheet HTML 13Page - Integrated Device Technology IDT72021 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
5.09
14
MILITARY AND COMMERCIAL TEMPERATURE RANGES
IDT72021, IDT72031, IDT72041
CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
Figure 19. Write Data Flow-Through Mode
ORDERING INFORMATION
NOTE:
1. Assume
OE is asserted LOW.
2677 drw 22
t A
R
DATA OUT VALID
DATA IN VALID
t DS
t DH
t WFF
t WPF
t RFF
DATA IN
W
FF
DATA OUT
(1)
IDT
XXXXX
Device Type
X
Speed
X
Power
X
Package
X
Process/
Temperature
Range
Blank
B
D
J
L
72021
72031
72041
25
30
35
40
50
2677 drw 23
Commercial (0
°C to+70°C)
Military (–55
°C to+125°C)
Compliant to MIL-STD-883, Class B
CERDIP
Plastic Leaded Chip Carrier
72021–Com’l. Only
72021–Mil. Only
72021/031/041–Com’l. Only
72021/031/041–Mil. Only
72021/031/041–Com'l & Mil.
Low Power
1024 x 9-Bit FIFO
2048 x 9-Bit FIFO
4096 x 9-Bit FIFO
Access Time (tA)
Speed in Nanoseconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com