Electronic Components Datasheet Search
  English  ▼

X  

IDT72021 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72021
Description  CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72021 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72021 Datasheet HTML 6Page - Integrated Device Technology IDT72021 Datasheet HTML 7Page - Integrated Device Technology IDT72021 Datasheet HTML 8Page - Integrated Device Technology IDT72021 Datasheet HTML 9Page - Integrated Device Technology IDT72021 Datasheet HTML 10Page - Integrated Device Technology IDT72021 Datasheet HTML 11Page - Integrated Device Technology IDT72021 Datasheet HTML 12Page - Integrated Device Technology IDT72021 Datasheet HTML 13Page - Integrated Device Technology IDT72021 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
5.09
10
MILITARY AND COMMERCIAL TEMPERATURE RANGES
IDT72021, IDT72031, IDT72041
CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
R
W
XO
2677 drw 14
WRITE TO
LAST PHYSICAL
LOCATION
t XOL
t XOH
READ FROM
LAST PHYSICAL
LOCATION
t XOL
t XOH
Figure 11. Expansion Out
W
XI
R
2677 drw 15
WRITE TO
FIRST PHYSICAL
LOCATION
READ FROM
FIRST PHYSICAL
LOCATION
t XIS
t XIR
t XI
t XIS
Figure 12. Expansion In
OPERATING CONFIGURATIONS
SINGLE DEVICE CONFIGURATION
The IDT72021/031/041 is in the Single Device
Configuration when the Expansion In (
XI) control input is
grounded (see Figure 13).
WRITE (W)
DATA IN (D)
FULL FLAG (FF)
RESET (RS)
9
READ (R)
9
DATA OUT (Q)
EMPTY FLAG (EF)
RETRANSMIT (RT)
OUTPUT ENABLE (OE)
EXPANSION IN (XI)
HF
AEF
2677 drw 16
IDT
72021/031/041
(HALF–FULL FLAG)
Figure 13. Block Diagram of Single 1K/2K/4K x 9 FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com