Electronic Components Datasheet Search
  English  ▼

X  

IDT72021 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72021
Description  CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72021 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72021 Datasheet HTML 3Page - Integrated Device Technology IDT72021 Datasheet HTML 4Page - Integrated Device Technology IDT72021 Datasheet HTML 5Page - Integrated Device Technology IDT72021 Datasheet HTML 6Page - Integrated Device Technology IDT72021 Datasheet HTML 7Page - Integrated Device Technology IDT72021 Datasheet HTML 8Page - Integrated Device Technology IDT72021 Datasheet HTML 9Page - Integrated Device Technology IDT72021 Datasheet HTML 10Page - Integrated Device Technology IDT72021 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
5.09
7
MILITARY AND COMMERCIAL TEMPERATURE RANGES
IDT72021, IDT72031, IDT72041
CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
2677 tbl 10
NOTES:
1.
EF, FF, HF, and AEF may change status during Reset, but flags will be valid at tRSC.
2.
W and R = VIH around the rising edge of RS.
Figure 2. Reset
Figure 3. Asynchronous Write and Read Operation
NOTE:
1. Assume
OE is asserted LOW.
t RSC
t
t RSS
t RSS
t RSF1
RS
W
R
AEF, EF
HF, FF
t RSR
2677 drw 05
t RSF2
RS
t A
R
t RC
DATA OUT VALID
DATA OUT VALID
t RPW
t RLZ
t DV
t A
t RHZ
t RR
t WC
t WR
t WPW
DATA IN VALID
DATA IN VALID
tDS
tDH
Q 0 –Q 8
D 0 –D 8
2677 drw 06
W
2677 drw 04
30pF*
1.1K
5V
TO
OUTPUT
PIN
680
Ω
or equivalent circuit
Figure 1. Output Load
* Includes scope and jig capacitances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com