Electronic Components Datasheet Search
  English  ▼

X  

D844 Datasheet(PDF) 11 Page - Analog Devices

Part # D844
Description  60 MHz 2000 V/s Monolithic Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

D844 Datasheet(HTML) 11 Page - Analog Devices

Back Button D844 Datasheet HTML 7Page - Analog Devices D844 Datasheet HTML 8Page - Analog Devices D844 Datasheet HTML 9Page - Analog Devices D844 Datasheet HTML 10Page - Analog Devices D844 Datasheet HTML 11Page - Analog Devices D844 Datasheet HTML 12Page - Analog Devices D844 Datasheet HTML 13Page - Analog Devices D844 Datasheet HTML 14Page - Analog Devices D844 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD844
Rev. F | Page 11 of 20
NONINVERTING GAIN-OF-10 AC CHARACTERISTICS
+VS
–VS
0.22µF
0.22µF
OUTPUT
RL
–IN
4.7Ω
4.7Ω
450Ω
50Ω
+
–
AD844
CL
Figure 23. Noninverting Gain of +10 Amplifier
100M
1M
100k
10M
26
–4
20
14
8
2
FREQUENCY (Hz)
RL = 500Ω
RL = 50Ω
Figure 24. Gain vs. Frequency, Gain = +10
–180
50
0
25
–210
–240
–270
–300
–330
FREQUENCY (MHz)
RL = 500Ω
RL = 50Ω
Figure 25. Phase vs. Frequency, Gain = +10
2V
10
100
90
0
100ns
Figure 26. Noninverting Amplifier Large Signal Pulse Response, Gain = +10,
RL = 500 Ω
10
100
90
0
200nV
50ns
Figure 27. Small Signal Pulse Response, Gain = +10, RL = 500 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com