Electronic Components Datasheet Search
  English  ▼

X  

D844 Datasheet(PDF) 18 Page - Analog Devices

Part # D844
Description  60 MHz 2000 V/s Monolithic Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

D844 Datasheet(HTML) 18 Page - Analog Devices

Back Button D844 Datasheet HTML 12Page - Analog Devices D844 Datasheet HTML 13Page - Analog Devices D844 Datasheet HTML 14Page - Analog Devices D844 Datasheet HTML 15Page - Analog Devices D844 Datasheet HTML 16Page - Analog Devices D844 Datasheet HTML 17Page - Analog Devices D844 Datasheet HTML 18Page - Analog Devices D844 Datasheet HTML 19Page - Analog Devices D844 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD844
Rev. F | Page 18 of 20
Figure 45 shows the small signal response for a 50 dB gain control
range (VX = 10 mV to 3.16 V). At small values of VX, capacitive
feedthrough on the PC board becomes troublesome and very
careful layout techniques are needed to minimize this problem.
A ground strip between the pins of the AD539 is helpful in this
regard. Figure 46 shows the response to a 2 V pulse on VY for
VX = 1 V, 2 V, and 3 V. For these results, a load resistor of 500 Ω
was used and the supplies were ±9 V. The multiplier operates
from supplies between ±4.5 V and ±16.5 V.
Disconnecting Pin 9 and Pin 16 on the AD539 alters the
denominator in Equation 1 to 1 V, and the bandwidth is
approximately 10 MHz, with a maximum gain of 10 dB.
Using only Pin 9 or Pin 16 results in a denominator of 0.5 V,
a bandwidth of 5 MHz, and a maximum gain of 16 dB.
FREQUENCY (Hz)
4
–6
–56
60M
1M
100k
10M
–26
–36
–46
–16
VX = 3.15V
VX = 1.0V
VX = 0.316V
VX = 0.10V
VX = 0.032V
Figure 45. VGA AC Response
1V
1V
50ns
10
100
0
90
Figure 46. VGA Transient Response with VX = 1 V, 2 V, and 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com