Electronic Components Datasheet Search
  English  ▼

X  

D844 Datasheet(PDF) 15 Page - Analog Devices

Part # D844
Description  60 MHz 2000 V/s Monolithic Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

D844 Datasheet(HTML) 15 Page - Analog Devices

Back Button D844 Datasheet HTML 11Page - Analog Devices D844 Datasheet HTML 12Page - Analog Devices D844 Datasheet HTML 13Page - Analog Devices D844 Datasheet HTML 14Page - Analog Devices D844 Datasheet HTML 15Page - Analog Devices D844 Datasheet HTML 16Page - Analog Devices D844 Datasheet HTML 17Page - Analog Devices D844 Datasheet HTML 18Page - Analog Devices D844 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD844
Rev. F | Page 15 of 20
USING THE AD844
BOARD LAYOUT
As with all high frequency circuits considerable care must be
used in the layout of the components surrounding the AD844.
A ground plane, to which the power supply decoupling capaci-
tors are connected by the shortest possible leads, is essential to
achieving clean pulse response. Even a continuous ground plane
exhibits finite voltage drops between points on the plane, and
this must be kept in mind when selecting the grounding points.
In general, decoupling capacitors should be taken to a point
close to the load (or output connector) because the load
currents flow in these capacitors at high frequencies. The +IN
and −IN circuits (for example, a termination resistor and Pin 3)
must be taken to a common point on the ground plane close to
the amplifier package.
Use low impedance 0.22 μF capacitors (AVX SR305C224KAA
or equivalent) wherever ac coupling is required. Include either
ferrite beads and/or a small series resistance (approximately
4.7 Ω) in each supply line.
INPUT IMPEDANCE
At low frequencies, negative feedback keeps the resistance at the
inverting input close to zero. As the frequency increases, the
impedance looking into this input increases from near zero to
the open-loop input resistance, due to bandwidth limitations,
making the input seem inductive. If it is desired to keep the
input impedance flatter, a series RC network can be inserted
across the input. The resistor is chosen so that the parallel sum
of it and R2 equals the desired termination resistance. The capacit-
ance is set so that the pole determined by this RC network is
about half the bandwidth of the op amp. This network is not
important if the input resistor is much larger than the termination
used, or if frequencies are relatively low. In some cases, the
small peaking that occurs without the network can be of use in
extending the −3 dB bandwidth.
DRIVING LARGE CAPACITIVE LOADS
Capacitive drive capability is 100 pF without an external net-
work. With the addition of the network shown in Figure 34,
the capacitive drive can be extended to over 10,000 pF, limited
by internal power dissipation. With capacitive loads, the output
speed becomes a function of the overdriven output current limit.
Because this is roughly ±100 mA, under these conditions, the
maximum slew rate into a 1000 pF load is ±100 V/μs. Figure 35
shows the transient response of an inverting amplifier (R1 =
R2 = 1 kΩ) using the feedforward network shown in Figure 34,
driving a load of 1000 pF.
AD844
VOUT
CL
750Ω
22pF
6
5
Figure 34. Feedforward Network for Large Capacitive Loads
5V
10
500ns
100
0
90
Figure 35. Driving 1000 pF CL with Feedforward Network of Figure 34
SETTLING TIME
Settling time is measured with the circuit of Figure 36. This
circuit employs a false summing node, clamped by the two
Schottky diodes, to create the error signal and limit the input
signal to the oscilloscope. For measuring settling time, the ratio
of R6/R5 is equal to R1/R2. For unity gain, R6 = R5 = 1 kΩ, and
RL = 500 Ω. For the gain of −10, R5 = 50 Ω, R6 = 500 Ω, and RL
was not used because the summing network loads the output
with approximately 275 Ω. Using this network in a unity-gain
configuration, settling time is 100 ns to 0.1% for a –5 V to +5 V
step with CL = 10 pF.
R5
D1
D2
R1
R2
R3
RL
R6
VIN
CL
VOUT
TO SCOPE
(TEK 7A11 FET PROBE)
NOTES
1. D1, D2 IN6263 OR EQUIVALENT SCHOTTKY DIODE.
AD844
Figure 36. Settling Time Test Fixture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com