Electronic Components Datasheet Search
  English  ▼

X  

D844 Datasheet(PDF) 16 Page - Analog Devices

Part # D844
Description  60 MHz 2000 V/s Monolithic Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

D844 Datasheet(HTML) 16 Page - Analog Devices

Back Button D844 Datasheet HTML 12Page - Analog Devices D844 Datasheet HTML 13Page - Analog Devices D844 Datasheet HTML 14Page - Analog Devices D844 Datasheet HTML 15Page - Analog Devices D844 Datasheet HTML 16Page - Analog Devices D844 Datasheet HTML 17Page - Analog Devices D844 Datasheet HTML 18Page - Analog Devices D844 Datasheet HTML 19Page - Analog Devices D844 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD844
Rev. F | Page 16 of 20
DC ERROR CALCULATION
Figure 37 shows a model of the dc error and noise sources for
the AD844. The inverting input bias current, IBN, flows in the
feedback resistor. IBP, the noninverting input bias current, flows
in the resistance at Pin 3 (RP), and the resulting voltage (plus
any offset voltage) appears at the inverting input. The total
error, VO, at the output is:
()
R1
I
R2
R1
R
I
V
R
I
V
BN
IN
BN
OS
P
BP
O
+
⎟
⎠
⎞
⎜
⎝
⎛ +
+
+
=
1
Because IBN and IBP are unrelated both in sign and magnitude,
inserting a resistor in series with the noninverting input does
not necessarily reduce dc error and may actually increase it.
R2
VN
INN
INP
RP
R1
IBP
IBN
VOS
AD844
RIN
Figure 37. Offset Voltage and Noise Model for the AD844
NOISE
Noise sources can be modeled in a manner similar to the dc bias
currents, but the noise sources are INN, INP, VN, and the amplifier
induced noise at the output, VON, is:
()
()
()2
2
2
2
1
R1
I
R2
R1
V
R
I
V
NN
N
P
NP
ON
+
⎟
⎠
⎞
⎜
⎝
⎛ +
+
=
Overall noise can be reduced by keeping all resistor values to a
minimum. With typical numbers, R1 = R2 = 1 kΩ, RP = 0 Ω,
VN = 2 nV/√Hz, INP = 10 pA/√Hz, INN = 12 pA/√Hz, and VON
calculates to 12 nV/√Hz. The current noise is dominant in this
case, because it is in most low gain applications.
VIDEO CABLE DRIVER USING ±5 V SUPPLIES
The AD844 can be used to drive low impedance cables. Using
±5 V supplies, a 100 Ω load can be driven to ±2.5 V with low
distortion. Figure 38 shows an illustrative application that
provides a noninverting gain of +2, allowing the cable to be
reverse-terminated while delivering an overall gain of +1 to the
load. The −3 dB bandwidth of this circuit is typically 30 MHz.
Figure 39 shows a differential gain and phase test setup. In video
applications, differential-phase and differential-gain characteris-
tics are often important. Figure 40 shows the variation in phase as
the load voltage varies. Figure 41 shows the gain variation.
VIN
50Ω
50Ω
RL
50Ω
300Ω
300Ω
3
2
+5V
–5V
7
6
4
2.2µF
2.2µF
ZO = 50Ω
VOUT
Figure 38. The AD844 as a Cable Driver
HP8753A
NETWORK
ANALYZER
HP11850C
SPLITTER
CIRCUIT
UNDER
TEST
HP3314A
STAIRCASE
GENERATOR
VOUT
VIN
VIN
OUT
OUT
OUT
IN
RF OUT
RF IN
EXT
TRIG
SYNC OUT
50Ω
(TERMINATOR)
OUT
470Ω
Figure 39. Differential Gain/Phase Test Setup
VOUT (IRE)
0.3
0.2
–0.3
90
18
0
36
54
72
0.1
0
–0.1
–0.2
IRE = 7.14mV
Figure 40. Differential Phase for the Circuit of Figure 38
VOUT (IRE)
0.06
0.04
–0.06
018
9
36
54
72
0.02
0
–0.02
–0.04
0
IRE = 7.14mV
Figure 41. Differential Gain for the Circuit of Figure 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com