Electronic Components Datasheet Search
  English  ▼

X  

IMP811 Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP811
Description  4-pin 關P Voltage Supervisor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP811 Datasheet(HTML) 3 Page - IMP, Inc

  IMP811 Datasheet HTML 1Page - IMP, Inc IMP811 Datasheet HTML 2Page - IMP, Inc IMP811 Datasheet HTML 3Page - IMP, Inc IMP811 Datasheet HTML 4Page - IMP, Inc IMP811 Datasheet HTML 5Page - IMP, Inc IMP811 Datasheet HTML 6Page - IMP, Inc IMP811 Datasheet HTML 7Page - IMP, Inc IMP811 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IMP8
IMP81111, IMP8
, IMP81122
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
3
Parameter
Symbol Conditions
Min
Typ
Max
Units
Input Voltage (VCC) Range
VCC
TA = 0°C to 70°C
1.1
5.5
V
TA = – 40°C to 105°C
1.2
5.5
Supply Current (Unloaded)
ICC
TA = – 40°C to 85°C
VCC < 5.5V, L/M/J
6
15
µA
TA = – 40°C to 85°C
VCC < 3.6V, R/S/T
5
10
TA = 85°C to 105°C
VCC < 5.5V, L/M/J
25
TA = 85°C to 105°C
VCC < 3.6V, R/S/T
20
Reset Threshold
VTH
L devices
TA = 25°C
4.56
4.63
4.70
V
TA = – 40°C to 85°C
4.50
4.75
TA = 85°C to 105°C
4.40
4.86
M devices
TA = 25°C
4.31
4.38
4.45
TA = – 40°C to 85°C
4.25
4.50
TA = 85°C to 105°C
4.16
4.56
J devices
TA = 25°C
3.93
4.00
4.06
TA = – 40°C to 85°C
3.89
4.10
TA = 85°C to 105°C
3.80
4.20
T devices
TA = 25°C
3.04
3.08
3.11
TA = – 40°C to 85°C
3.00
3.15
TA = 85°C to 105°C
2.92
3.23
S devices
TA = 25°C
2.89
2.93
2.96
TA = – 40°C to 85°C
2.85
3.00
TA = 85°C to 105°C
2.78
3.08
R devices
TA = 25°C
2.59
2.63
2.66
TA = – 40°C to 85°C
2.55
2.70
TA = 85°C to 105°C
2.50
2.76
Reset Threshold Temp. Coefficient
TCVTH
30
ppm/°C
VCC to Reset Delay
VCC = VTH to (VTH - 125mV), L/M/J devices
40
µs
VCC = VTH to (VTH - 125mV), R/S/T devices
20
Reset Active Timeout Period
TA = 0°C to 70°C
140
560
ms
TA = – 40°C to 105°C
100
840
MR Minimum Pulse Width
tMR
10
µs
MR Glitch Immunity
Note 3
100
ns
MR to RESET Propagation Delay
tMD
Note 2
0.5
µs
MR Input Threshold
VIH
VCC > VTH (MAX), IMP811/812L/M/J
2.3
V
VIL
0.8
VIH
VCC > VTH (MAX), IMP811/812R/S/T
0.7VCC
VIL
0.25VCC
MR Pull-up Resistance
10
20
30
k
Ω
Low RESET Output Voltage (IMP811)
VOL
VCC = VTH min., ISINK = 1.2mA, IMP811R/S/T
0.3
V
VCC = VTH min., ISINK = 3.2mA, IMP811L/M/J
0.4
VCC > 1.1V, ISINK = 50µA
0.3
High RESET Output Voltage (IMP811)
VOH
VCC > VTH max., ISOURCE = 500µA, IMP811R/S/T 0.8VCC
V
VCC > VTH max., ISOURCE = 800µA, IMP811L/M/J VCC -1.5
Low RESET Output Voltage (IMP812)
VOL
VCC = VTH max., ISINK = 1.2mA, IMP812R/S/T
0.3
V
VCC = VTH max., ISINK = 3.2mA, IMP812L/M/J
0.4
High RESET Output Voltage (IMP812)
VOH
1.8V < VCC < VTH min., ISOURCE = 150µA
0.8VCC
V
Electrical Characteristics
Unless otherwise noted VCC is over the full voltage range, TA = –40°C to 105°C.
Typical values at TA = 25°C, VCC = 5V for L/M/J devices, VCC = 3.3V for T/S devices and VCC = 3V for R devices.
Notes:
1. Production testing done at TA = 25°C. Over temperature specifications guaranteed by design only using six sigma design limits.
2. RESET output is active LOW for the IMP811 and RESET output is active HIGH for the IMP812.
3. Glitches of 100ns or less typically will not generate a reset pulse.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com