Electronic Components Datasheet Search
  English  ▼

X  

IMP811 Datasheet(PDF) 6 Page - IMP, Inc

Part # IMP811
Description  4-pin 關P Voltage Supervisor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP811 Datasheet(HTML) 6 Page - IMP, Inc

  IMP811 Datasheet HTML 1Page - IMP, Inc IMP811 Datasheet HTML 2Page - IMP, Inc IMP811 Datasheet HTML 3Page - IMP, Inc IMP811 Datasheet HTML 4Page - IMP, Inc IMP811 Datasheet HTML 5Page - IMP, Inc IMP811 Datasheet HTML 6Page - IMP, Inc IMP811 Datasheet HTML 7Page - IMP, Inc IMP811 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IMP8
IMP81111, IMP8
, IMP81122
6
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
RESET Output Operation
In µP/µC systems it is important to have the processor begin
operation from a known state or be able to return the system to a
known state. A RESET output to a processor is provided to pre-
vent improper operation during power supply sequencing or low
voltage – brownout – conditions.
The IMP811/812 are designed to monitor the system power sup-
ply voltages and issue a RESET signal when levels are out of
range. RESET outputs are guaranteed to be active for VCC above
1.1V. When VCC exceeds the reset threshold, an internal timer
keeps RESET active for the reset timeout period, after which
RESET becomes inactive (HIGH for the IMP811 and LOW for the
IMP812).
Valid Reset with VCC under 1.1V
To ensure that logic inputs connected to the IMP811 RESET pin
are in a known state when VCC is under 1.1V, a 100k
Ω pull-down
resistor at RESET is needed. The value is not critical.
A similar pull-up resistor to VCC is needed with the IMP812.
Negative VCC Transients
Typically short duration transients of 100mV amplitude and 20µs
duration do not cause a false RESET. A 0.1µF capacitor at VCC
increases transient immunity.
Power
Supply
IMP811
VCC
GND
RESET
MR
100k
9
811/12_04.eps
Power
Supply
IMP812
VCC
GND
RESET
MR
100k
Ω
811/12_05.eps
Application Information
Reset Threshold
Suffix
Voltage (V)
L
4.63
M
4.38
J
4.00
T
3.08
S
2.93
R
2.63
Figure 2. RESET Valid with VCC Under 1.1V
Figure 3. RESET Valid with VCC Under 1.1V
If VCC drops below the reset threshold, RESET automatically
becomes active. Alternatively, external circuitry or a human oper-
ator can initiate this condition using the Manual Reset (MR) pin.
There is an internal pullup on MR so it can be left open if it is not
used. MR can be driven by TTL/CMOS logic or even an external
switch, since it is already debounced. If the switch is at the end of
a long cable, it might require a bypass (100nF) at the pin if noise
pickup is a problem.
Six voltage thresholds are available to support 3V and 5V systems:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com