Electronic Components Datasheet Search
  English  ▼

X  

IMP811 Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP811
Description  4-pin 關P Voltage Supervisor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP811 Datasheet(HTML) 1 Page - IMP, Inc

  IMP811 Datasheet HTML 1Page - IMP, Inc IMP811 Datasheet HTML 2Page - IMP, Inc IMP811 Datasheet HTML 3Page - IMP, Inc IMP811 Datasheet HTML 4Page - IMP, Inc IMP811 Datasheet HTML 5Page - IMP, Inc IMP811 Datasheet HTML 6Page - IMP, Inc IMP811 Datasheet HTML 7Page - IMP, Inc IMP811 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
1
Key Features
Applications
4-Pin
4-Pin µ
µP V
P Volt
olt ag
age Super
e Super visor
visor
wit
wit h Manual R
h Manual Reset
eset
N Computers and controllers
N Embedded controllers
N Battery operated systems
N Intelligent instruments
N Wireless communication systems
N PDAs and handheld equipment
N Improved Maxim MAX811/MAX812 replacement
—
Specified to 105°C
—
New 4.0V threshold option
N 6µA supply current
N Monitor 5V, 3.3V and 3V supplies
N Manual reset input
N 140ms min. reset pulse width
N Guaranteed over temperature
N Active-LOW reset valid with 1.1V supply
(IMP811)
N Small 4-pin SOT-143 package
N No external components
N Power-supply transient-immune design
Block Diagrams
IMP811
(IMP812)
VCC
VCC
VCC
GND
GND
RESET
(RESET)
Manual
Reset
MR
811/12_01.eps
µC or µP
RESET
Input
The IMP811/IMP812 are low-power supervisors designed to monitor
voltage levels of 3.0V, 3.3V and 5.0V power supplies in low-power
microprocessor (µP), microcontroller (µC) and digital systems. Each fea-
tures a debounced manual reset input. The IMP811/812 are improved
drop-in replacements for the Maxim MAX811/812 with extended
temperature specifications to 105°C.
A reset signal is issued if the power supply voltage drops below a preset
threshold and is asserted for at least 140ms after the supply has risen
above the reset threshold. The IMP811 has an active-low output RESET
that is guaranteed to be in the correct state for VCC down to 1.1V. The
IMP812 has an active-high output RESET. The reset comparator is
designed to ignore fast transients on VCC .
Low power consumption makes the IMP811/IMP812 ideal for use in
portable and battery-operated equipment. Available in a compact 4-pin
SOT143 package, the devices use minimal board space.
Six voltage thresholds are available to support 3V to 5V systems:
IMP8
IMP81111, IMP8
, IMP81122
POWER MANAGEMENT
Reset Threshold
Suffix
Voltage (V)
L
4.63
M
4.38
J
4.00
T
3.08
S
2.93
R
2.63


Similar Part No. - IMP811

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP811 A1PROS-IMP811 Datasheet
180Kb / 8P
4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
1998
IMP811JEUS-T A1PROS-IMP811JEUS-T Datasheet
180Kb / 8P
4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
1998
IMP811LEUS-T A1PROS-IMP811LEUS-T Datasheet
180Kb / 8P
4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
1998
IMP811MEUS-T A1PROS-IMP811MEUS-T Datasheet
180Kb / 8P
4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
1998
IMP811REUS-T A1PROS-IMP811REUS-T Datasheet
180Kb / 8P
4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
1998
More results

Similar Description - IMP811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
4 Pin P Voltage Supervisor with Manual Reset
logo
PulseCore Semiconductor
PCS811 PULSECORE-PCS811 Datasheet
456Kb / 8P
5-Pin 關P Voltage Supervisor with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
Unisonic Technologies
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Maxim Integrated Produc...
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811_V01 Datasheet
901Kb / 9P
4-Pin 關P Voltage Monitors with Manual Reset Input
2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com