Electronic Components Datasheet Search
  English  ▼

X  

IMP811 Datasheet(PDF) 5 Page - IMP, Inc

Part # IMP811
Description  4-pin 關P Voltage Supervisor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP811 Datasheet(HTML) 5 Page - IMP, Inc

  IMP811 Datasheet HTML 1Page - IMP, Inc IMP811 Datasheet HTML 2Page - IMP, Inc IMP811 Datasheet HTML 3Page - IMP, Inc IMP811 Datasheet HTML 4Page - IMP, Inc IMP811 Datasheet HTML 5Page - IMP, Inc IMP811 Datasheet HTML 6Page - IMP, Inc IMP811 Datasheet HTML 7Page - IMP, Inc IMP811 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IMP8
IMP81111, IMP8
, IMP81122
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
5
Detailed Description
Reset Timing and Manual Reset (MR)
The reset signal is asserted–LOW for the IMP811 and HIGH for
the IMP812 – when the VCC signal falls below the threshold trip
voltage and remains asserted for 140ms minimum after the VCC
has risen above the threshold.
A logic low on MR asserts RESET LOW on the IMP811 and HIGH
on the IMP812. MR is internally pulled high through a 20k
Ω
resistor and can be driven by TTL/CMOS gates or with open
collector/drain outputs. MR can be left open if not used.
MR may be connected to a normally-open switch connected to
ground without an external debounce circuit.
For added noise rejection, a 0.1µF capacitor from MR to Ground
can be added.
Figure 1. Reset Timing and Manual Reset (MR)
5V
0V
5V
0V
VCC
VTH
MR
140ms
minimum
Active Reset
Timeout Period
Active Reset
Timeout Period
5V
0V
RESET
5V
0V
RESET
IMP811
IMP812
811/12_03.eps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com