Electronic Components Datasheet Search
  English  ▼

X  

IMP811 Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP811
Description  4-pin 關P Voltage Supervisor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP811 Datasheet(HTML) 4 Page - IMP, Inc

  IMP811 Datasheet HTML 1Page - IMP, Inc IMP811 Datasheet HTML 2Page - IMP, Inc IMP811 Datasheet HTML 3Page - IMP, Inc IMP811 Datasheet HTML 4Page - IMP, Inc IMP811 Datasheet HTML 5Page - IMP, Inc IMP811 Datasheet HTML 6Page - IMP, Inc IMP811 Datasheet HTML 7Page - IMP, Inc IMP811 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IMP8
IMP81111, IMP8
, IMP81122
4
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
Pin Descriptions
Pin Number
Name
Function
1
GND
Ground
2
RESET
RESET is asserted LOW if VCC falls below the reset threshold and remains LOW for the
(IMP811)
140ms minimum after the reset conditions are removed. In addition, RESET is active LOW
as long as the manual reset is low.
2
RESET
RESET is asserted HIGH if VCC falls below the reset threshold and remains HIGH for the
(IMP812)
140ms minimum after the reset conditions are removed. In addition, RESET is active
HIGH as long as the manual reset is low.
3
MR
Manual Reset Input. A logic LOW on MR asserts RESET. RESET remains active as long
as MR is LOW and for 180ms after MR returns HIGH. The active low input has an internal
20k
Ω pull-up resistor. The input should be left open if not used. It can be driven by TTL or
CMOS logic or shorted to ground by a switch..
4VCC
Power supply input voltage (3.0V, 3.3V, 5.0V)
Related Products
IMP809
IMP810
IMP811
IMP812
Max. Supply Current
15µA
15µA
15µA
15µA
Package Pins
3
3
4
4
Manual RESET input
II
Package Type
SOT-23
SOT-23
SOT-143
SOT-143
Active-HIGH RESET output
II
Active-LOW RESET output
II



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com