Electronic Components Datasheet Search
  English  ▼

X  

28F016XD Datasheet(PDF) 30 Page - Intel Corporation

Part # 28F016XD
Description  16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016XD Datasheet(HTML) 30 Page - Intel Corporation

Back Button 28F016XD Datasheet HTML 26Page - Intel Corporation 28F016XD Datasheet HTML 27Page - Intel Corporation 28F016XD Datasheet HTML 28Page - Intel Corporation 28F016XD Datasheet HTML 29Page - Intel Corporation 28F016XD Datasheet HTML 30Page - Intel Corporation 28F016XD Datasheet HTML 31Page - Intel Corporation 28F016XD Datasheet HTML 32Page - Intel Corporation 28F016XD Datasheet HTML 33Page - Intel Corporation 28F016XD Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
28F016XD FLASH MEMORY
E
30
Read-Modify-Write Cycle
Versions
28F016XD-95
Units
Sym
Parameter
Notes
Min
Max
tRWC
Read-modify-write cycle time
10
200
ns
tRWD
RAS# to WE# delay time
5,10
125
ns
tCWD
CAS# to WE# delay time
5,10
75
ns
tAWD
Column address to WE# delay time
5,9,10
105
ns
tOEH
OE# command hold time
10
15
ns
Fast Page Mode Cycle
Versions
28F016XD-95
Units
Sym
Parameter
Notes
Min
Max
tPC(R)
Fast page mode cycle time (reads)
75
ns
tPC(W)
Fast page mode cycle time (writes)
80
ns
tRASP(R)
RAS# pulse width (reads)
95
∞
ns
tRASP(W)
RAS# pulse width (writes)
80
∞
ns
tCPA
Access time from CAS# precharge
85
ns
tCPW
WE# delay time from CAS# precharge
10
0
ns
tCPRH(R)
RAS# hold time from CAS# precharge (reads)
75
ns
tCPRH(W)
RAS# hold time from CAS# precharge (writes)
80
ns
Fast Page Mode Read-Modify-Write Cycle
Versions
28F016XD-95
Units
Sym
Parameter
Notes
Min
Max
tPRWC
Fast page mode read-modify-write cycle time
10
170
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com