Electronic Components Datasheet Search
  English  ▼

X  

28F016XD Datasheet(PDF) 5 Page - Intel Corporation

Part # 28F016XD
Description  16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016XD Datasheet(HTML) 5 Page - Intel Corporation

  28F016XD Datasheet HTML 1Page - Intel Corporation 28F016XD Datasheet HTML 2Page - Intel Corporation 28F016XD Datasheet HTML 3Page - Intel Corporation 28F016XD Datasheet HTML 4Page - Intel Corporation 28F016XD Datasheet HTML 5Page - Intel Corporation 28F016XD Datasheet HTML 6Page - Intel Corporation 28F016XD Datasheet HTML 7Page - Intel Corporation 28F016XD Datasheet HTML 8Page - Intel Corporation 28F016XD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
E
28F016XD FLASH MEMORY
5
1.0 INTRODUCTION
The documentation of the Intel 28F016XD flash
memory device includes this datasheet, a detailed
user’s manual, and a number of application notes
and design tools, all of which are referenced in
Appendix B.
The datasheet is intended to give an overview of
the chip feature-set and of the operating AC/DC
specifications.
The 16-Mbit Flash Product Family
User’s Manual provides complete descriptions of
the user modes, system interface examples and
detailed descriptions of all principles of operation.
It also contains the full list of software algorithm
flowcharts, and a brief section on compatibility
with the Intel 28F008SA.
Significant 28F016XD feature revisions occurred
between datasheet revisions 290533-001 and
290533-002.
These
revisions
center
around
removal of the following features:
• All page buffer operations (read, write,
programming, Upload Device Information)
• Command queuing
• Software Sleep and Abort
• Erase all Unlocked Blocks
• Device Configuration command
In
addition,
a
significant
28F016XD
change
occurred between datasheet revisions 290532-002
and 290532-003. This change centers around the
addition of a 3/5# pin to the device’s pinout
configuration.
Figure
2
shows
the
3/5#
pin
assignment for the TSOP Type 1 package.
Intel recommends that all customers obtain the
latest revisions of 28F016XD documentation.
1.1 Product Overview
The 28F016XD is a high-performance, 16-Mbit
(16,777,216-bit)
block
erasable,
nonvolatile
random
access
memory,
organized
as
1 Mword x 16. The 28F016XD includes thirty-two
32-KW (32,768 word) blocks. A chip memory map
is shown in Figure 3.
The implementation of a new architecture, with
many enhanced features, will improve the device
operating characteristics and result in greater
product reliability and ease-of-use as compared to
other flash memories. Significant features of the
28F016XD include:
• No-Glue Interface to Memory Controllers
• Improved Word Program Performance
• SmartVoltage Technology
 Selectable 3.3V or 5.0V V
CC
 Selectable 5.0V or 12.0V V
PP
• Block Program/Erase Protection
The 28F016XD's multiplexed address bus with
RAS# and CAS# inputs allows for a “No Glue”
interface to many existing in-system memory
controllers. As such, 28F016XD-based SIMMs
(72-pin
JEDEC
Standard)
offer
attractive
advantages over their DRAM counterparts in many
applications. For more information on 28F016XD-
based SIMM designs, see the application note
referenced at the end of this datasheet.
The
28F016XD
incorporates
SmartVoltage
technology, providing VCC operation at both 3.3V
and 5.0V and program and erase capability at VPP
= 12.0V or 5.0V. Operating at VCC = 3.3V, the
28F016XD consumes less than 60% of the power
consumption at 5.0V VCC, while 5.0V VCC provides
the highest read performance capability. VPP =
5.0V operation eliminates the need for a separate
12.0V converter, while VPP = 12.0V maximizes
program/erase performance.
In addition to the
flexible program and erase voltages, the dedicated
VPP gives complete code protection with VPP ≤
VPPLK.
A 3/5# input pin configures the device’s internal
circuitry for optimal 3.3V or 5.0V read/program
operation.
A Command User Interface (CUI) serves as the
system interface between the microprocessor or
microcontroller and the internal memory operation.
Internal
Algorithm
Automation
allows
word
programs and block erase operations to be
executed using a Two-Write command sequence
to the CUI in the same way as the 28F008SA 8-
Mbit FlashFile™ memory.
Software Locking of Memory Blocks is an added
feature of the 28F016XD as compared to the
28F008SA. The 28F016XD provides selectable
block locking to protect code or data such as
direct-executable operating systems or application
code. Each block has an associated nonvolatile
lock-bit which determines the lock status of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com