Electronic Components Datasheet Search
  English  ▼

X  

28F016XD Datasheet(PDF) 35 Page - Intel Corporation

Part # 28F016XD
Description  16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016XD Datasheet(HTML) 35 Page - Intel Corporation

Back Button 28F016XD Datasheet HTML 31Page - Intel Corporation 28F016XD Datasheet HTML 32Page - Intel Corporation 28F016XD Datasheet HTML 33Page - Intel Corporation 28F016XD Datasheet HTML 34Page - Intel Corporation 28F016XD Datasheet HTML 35Page - Intel Corporation 28F016XD Datasheet HTML 36Page - Intel Corporation 28F016XD Datasheet HTML 37Page - Intel Corporation 28F016XD Datasheet HTML 38Page - Intel Corporation 28F016XD Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
E
28F016XD FLASH MEMORY
35
Write Cycle
Versions
28F016XD-85
Units
Sym
Parameter
Notes
Min
Max
tRC(W)
Random write cycle time
75
ns
tRAS(W)
RAS# pulse width (writes)
65
∞
ns
tCAS(W)
CAS# pulse width (writes)
50
∞
ns
tRCD(W)
RAS# to CAS# delay time (writes)
1
15
15
ns
tRSH(W)
RAS# hold time (writes)
50
ns
tCSH(W)
CAS# hold time (writes)
65
ns
tWCS
Write command set-up time
5
0
ns
tWCH
Write command hold time
15
ns
tWCR
Write command hold time referenced to RAS#
3
30
ns
tWP
Write command pulse width
15
ns
tRWL
Write command to RAS# lead time
50
ns
tCWL
Write command to CAS# lead time
50
ns
tDS
Data-in set-up time
7,9
0
ns
tDH
Data-in hold time
7,9
15
ns
tDHR
Data-in hold time referenced to RAS#
3,9
30
ns
Read-Modify-Write Cycle
Versions
28F016XD-85
Units
Sym
Parameter
Notes
Min
Max
tRWC
Read-modify-write cycle time
10
175
ns
tRWD
RAS# to WE# delay time
5,10
115
ns
tCWD
CAS# to WE# delay time
5,10
65
ns
tAWD
Column address to WE# delay time
5,9,10
100
ns
tOEH
OE# command hold time
10
15
ns
Fast Page Mode Cycle
Versions
28F016XD-85
Units
Sym
Parameter
Notes
Min
Max
tPC(R)
Fast page mode cycle time (reads)
65
ns
tPC(W)
Fast page mode cycle time (writes)
65
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com