Electronic Components Datasheet Search
  English  ▼

X  

28F016XD Datasheet(PDF) 6 Page - Intel Corporation

Part # 28F016XD
Description  16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016XD Datasheet(HTML) 6 Page - Intel Corporation

Back Button 28F016XD Datasheet HTML 2Page - Intel Corporation 28F016XD Datasheet HTML 3Page - Intel Corporation 28F016XD Datasheet HTML 4Page - Intel Corporation 28F016XD Datasheet HTML 5Page - Intel Corporation 28F016XD Datasheet HTML 6Page - Intel Corporation 28F016XD Datasheet HTML 7Page - Intel Corporation 28F016XD Datasheet HTML 8Page - Intel Corporation 28F016XD Datasheet HTML 9Page - Intel Corporation 28F016XD Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
28F016XD FLASH MEMORY
E
6
block. In addition, the 28F016XD has a master
Write Protect pin (WP#) which prevents any
modifications to memory blocks whose lock-bits
are set.
Writing of memory data is performed in word
increments typically within 6 µs (12.0V VPP)—a
33% improvement over the 28F008SA. A block
erase operation erases one of the 32 blocks in
typically 0.6 sec (12.0V VPP), independent of the
other blocks, which is about a 65% improvement
over the 28F008SA.
Each block can be written and erased a minimum
of 100,000 cycles. Systems can achieve one
million Block Erase Cycles by providing wear-
leveling algorithms and graceful block retirement.
These techniques have already been employed in
many flash file systems and hard disk drive
designs.
All operations are started by a sequence of Write
commands to the device. Three types of Status
Registers
(described
in
detail
later
in
this
datasheet) and a RY/BY# output pin provide
information on the progress of the requested
operation.
The following Status Registers are used to provide
device and WSM information to the user :
• A Compatible Status Register (CSR) which is
100% compatible with the 28F008SA FlashFile
memory Status Register. The CSR, when used
alone,
provides
a
straightforward
upgrade
capability to the 28F016XD from a 28F008SA-
based design.
• A Global Status Register (GSR) which also
informs the system of overall Write State
Machine (WSM) status.
• 32 Block Status Registers (BSRs) which
provide block-specific status information such
as the block lock-bit status.
The GSR and BSR memory maps are shown in
Figure 4.
The
28F016XD
incorporates
an
open
drain
RY/BY# output pin. This feature allows the user to
OR-tie many RY/BY# pins together in a multiple
memory configuration such as a Resident Flash
Array.
The 28F016XD is specified for a maximum fast
page mode cycle time of 65 ns (tPC,R) at 5.0V
operation (4.75V to 5.25V) over the commercial
temperature
range
(0
°C
to
+70
°C).
A
corresponding maximum fast page mode cycle
time of 75 ns at 3.3V (3.0V to 3.6V and 0
°C to
+70
°C)
is
achieved
for
reduced
power
consumption applications.
The 28F016XD incorporates an Automatic Power
Saving (APS) feature, which substantially reduces
the active current when the device is in static
mode of operation (addresses not switching). In
APS mode, the typical ICC current is 1 mA at 5.0V
(3.0 mA at 3.3V).
A deep power-down mode of operation is invoked
when the RP# (called PWD# on the 28F008SA)
pin transitions low. This mode brings the device
power consumption to less than 2.0 µA, typically,
and provides additional write protection by acting
as a device reset pin during power transitions. A
reset time of 300 ns (5.0V VCC operation)
is
required from RP# switching high until dropping
RAS#. In the deep power-down state, the WSM is
reset (any current operation will abort) and the
CSR, GSR and BSR registers are cleared.
A CMOS standby mode of operation is enabled
when RAS# and CAS# transition high and RP#
stays high with all input control pins at CMOS
levels. In this mode, the device typically draws an
ICC standby current of 70 µA at 5.0V VCC.
The 28F016XD is available in a 56-Lead, 1.2 mm
thick, 14 mm x 20 mm TSOP Type I package. This
form factor and pinout allow for very high board
layout densities.
2.0 DEVICE PINOUT
The 28F016XD 56-Lead TSOP Type I pinout
configuration is shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com