Electronic Components Datasheet Search
  English  ▼

X  

PLT09H Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # PLT09H
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT09H Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PLT09H Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
...........p.8–10
Ferrite Bead Inductor
Equivalent Circuit
Impedance - Frequency Characteristics (typical)
oFerrite Bead Inductor
c Outline
o Chip Ferrite Beads are effective for frequencies ranging
from a few MHz to a few GHz. Chip Ferrite Beads are
widely used as a low noise countermeasure, as well as a
universal noise suppression component.
o Chip Ferrite Beads produce a micro inductance in a low
frequency range. At high frequencies, however, the
resistive component of the inductor produces the primary
impedance. When inserted in series in the noise
producing circuit, the resistive impedance of the inductor
prevents noise propagation.
R: Real Part (Resistive Portion)
X: Imaginary Part (Inductive Portion)
R(f)
BL01
BL02RN1
BL02RN2
BL03RN2
X
R
Z
160
140
120
100
80
60
40
20
0
0.5
1
2
5
10
20
50 100 200
500 1000
Frequency (MHz)
Outline of EMI Suppression Filters (EMIFIL
r) for DC Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com