Electronic Components Datasheet Search
  English  ▼

X  

PLT09H Datasheet(PDF) 35 Page - Murata Manufacturing Co., Ltd.

Part # PLT09H
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT09H Datasheet(HTML) 35 Page - Murata Manufacturing Co., Ltd.

Back Button PLT09H Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Soldering and Mounting
1. Mounting Hole
Mounting holes should be designed as specified below.
DSN6
DSS6
VFR3V
VFS6V
DSS1
DSN9
DSN9H
DST9
DST9H
VFS9V
Part Number
Bulk Type (in mm)
Taping Type (in mm)
2.5±0.2
2.5±0.2
ø0.8-3
ø1.0-3
ø0.8-3
ø0.8-3
2.5±0.2
2.5±0.2
2.5±0.2
2.5±0.2
2.5±0.2
2.5±0.2
2.5±0.2
2.5±0.2
ø0.8-3
(1) Use Sn-3.0Ag-0.5Cu solder.
(2) Use Rosin-based flux. Do not use strong acidic flux with
halide content exceeding 0.2wt% (chlorine conversion
value).
(3) Products and the leads should not be subjected to any
mechanical stress during the soldering process, or while
subjected to the equivalent high temperatures.
(4) Standard flow soldering profile.
2. Soldering
Solder
Soldering Temperature Soldering Time
Sn-3.0Ag-0.5Cu solder
250 to 260°C
4 to 6s
Pre-heating
Soldering
Gradual cooling
(in air)
150°C
300
250
200
150
100
50
60s min.
Soldering time
Soldering temperature
VFC2H
5.2±0.4
ø0.8-2
5.2±0.4
ø1.0-2
Continued on the following page.
33
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com