Electronic Components Datasheet Search
  English  ▼

X  

PLT09H Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # PLT09H
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT09H Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button PLT09H Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
EMI Suppression Filters (Lead Type EMIFIL
r)
Ferrite Beads Inductors Part Numbering
(Part Number)
Ferrite Beads Inductors
eBeads Core Material
Code
Standard Type
Beads Core Material
RN
qProduct ID
BL
Ferrite Beads Inductors
Product ID
wSeries
01
02
03
Beads ø3.6
Beads ø3.4
Beads ø2.3 max.
Code
Series
tLead Type
A1
A2
R1
R2
R3
Axial Straight Type
Axial Crimp Type
Radial Straight Type
Radial Straight and Wave Formed Leads Type
Radial Incrimp Type
Code
Lead Type
iPackaging
A
B
J
BL01/BL02/BL03
All Series
BL01
Ammo Pack
Bulk
Paper Reel (ø320mm)
Code
Packaging
Series
BL01
BL01
BL02/BL03
BL02
BL02
Series
uLead Diameter
1
2
ø0.60mm
ø0.65mm
Code
Lead Diameter
rNumbers of Beads Core
Code
1
2
Numbers of Beads Core
1
2
yLead Length, Space
A
D
E
F
J
M
N
P
Q
Bulk, Axial Type, 3.7mm
Bulk, Axial Type, 45.0mm
Taping, Axial Type, 26.0mm
Taping, Axial Type, 52.0mm
Bulk, Radial Type, 5.0mm
Bulk, Radial Type, 10.0mm
Taping, Radial Type, 16.5mm
Taping, Radial Type, 18.5mm
Taping, Radial Type, 20.0mm
Code
Lead Length, Space
Series
t
R1
y
M
q
BL
r
2
e
RN
w
02
u
2
i
B
BL01
BL02/BL03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com