Electronic Components Datasheet Search
  English  ▼

X  

PLT09H Datasheet(PDF) 36 Page - Murata Manufacturing Co., Ltd.

Part # PLT09H
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT09H Datasheet(HTML) 36 Page - Murata Manufacturing Co., Ltd.

Back Button PLT09H Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 40Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Soldering and Mounting
Do not clean VFR3V, PLT09H and VFS6V series.
Clean other parts in the following conditions.
(1) Cleaning temperature should be limited to 60°C max.
(40°C max for alcohol type cleaner).
(2) Ultrasonic cleaning should comply with the following
conditions, avoiding the resonance phenomenon at the
mounted products and PCB.
Power: 20 W /
Rmax. Frequency: 28 to 40kHz
Time: 5 min. max.
(3) Cleaner
(a) Alcohol type cleaner
Isopropyl alcohol (IPA)
(b) Aqueous agent (PLT series cannot be cleaned)
PINE ALPHA ST-100S
(4) There should be no residual flux or residual cleaner left
after cleaning.
In the case of using aqueous agent, products should be
dried completely after rinsing with de-ionized water in
order to remove the cleaner.
(5) The surface of products may become dirty after cleaning,
but there is no deterioration on mechanical, electrical
characteristics and reliability.
(6) Other cleaning: Please contact us.
3. Cleaning Conditions
Continued from the preceding page.
34
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com