Electronic Components Datasheet Search
  English  ▼

X  

PLT09H Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # PLT09H
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT09H Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button PLT09H Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Built-in Ferrite Beads DSS6 Series Incrimp Type
Part Number
Capacitance
(pF)
Rated Voltage
(Vdc)
Rated Current
(A)
Operating Temperature Range
DSS6NC52A220
22 ±20%
100
6
-25 to +85°C
DSS6NC52A330
33 ±20%
100
6
-25 to +85°C
DSS6NC52A470
47 ±20%
100
6
-25 to +85°C
DSS6NC52A101
100 ±20%
100
6
-25 to +85°C
DSS6NC52A151
150 ±20%
100
6
-25 to +85°C
DSS6NC52A221
220 ±20%
100
6
-25 to +85°C
DSS6NC52A271
270 ±20%
100
6
-25 to +85°C
DSS6NC52A471
470 ±20%
100
6
-25 to +85°C
DSS6NC52A102
1000 ±20%
100
6
-25 to +85°C
DSS6NE52A222
2200 80/-20%
100
6
-25 to +85°C
DSS6NZ82A103
10000 ±30%
100
6
-25 to +85°C
Please refer to Part Numbering for Type and Length of Lead.
GND
No polarity.
c Equivalent Circuit
1
2
3
4
5
0
20
40
60
80
100
120
1
10
100
1000
0.1
9
10
11
6
7
8
Frequency (MHz)
1: 22pF
2: 33pF
3: 47pF
4: 100pF
5: 150pF
6: 220pF
7: 270pF
8: 470pF
9: 1000pF
10: 2200pF
11: 10000pF
c Insertion Loss Characteristics
16
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com