Electronic Components Datasheet Search
  English  ▼

X  

H7EC Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H7EC
Description  Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7EC Datasheet(HTML) 1 Page - Omron Electronics LLC

  H7EC Datasheet HTML 1Page - Omron Electronics LLC H7EC Datasheet HTML 2Page - Omron Electronics LLC H7EC Datasheet HTML 3Page - Omron Electronics LLC H7EC Datasheet HTML 4Page - Omron Electronics LLC H7EC Datasheet HTML 5Page - Omron Electronics LLC H7EC Datasheet HTML 6Page - Omron Electronics LLC H7EC Datasheet HTML 7Page - Omron Electronics LLC H7EC Datasheet HTML 8Page - Omron Electronics LLC H7EC Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CSM_H7E_-N_DS_E_9_1
1
Self-powered Totalizer
New H7E
Compact Economical Totalizer with High Visibility
Available with Backlit LCD Display
• Large display with 8.6-mm character height.
• Includes new models with backlight for improved visibility in dimly lit places. (Requires 24-VDC power supply.)
• Black and light-gray cases now available.
• PNP/NPN universal DC voltage input types now available.
• Battery is replaceable for Totalizer reuse and conservation of the environment.
• Key-protect switch to prevent faulty reset key operation.
• Dual operation mode.
• Front face compatible with NEMA4/IP66.
• Short body, all models have a depth of 48.5 mm.
• Finger protection terminal block conforms to VDE0106, Part100.
• Conforms to UL, CSA, and CE marking.
Conforms to EN61010-1 (pollution degree 2/overvoltage category III.)
• Conforms to EMC standards and EN61326, thus allowing use in residential, commercial and light- and heavy-industry environ-
ments.
• Six-language instruction manual provided.
• PCB-mounting models available. (Requires 3-V power supply.)
■ Broad Line-up of the New H7E Series
Contents
Self-powered Totalizers
H7EC.....................................................................................................................
2
H7ET .....................................................................................................................
9
H7ER.....................................................................................................................
16
H7E
@-N@P ...........................................................................................................
22
Common to All Totalizers
Accessories ...........................................................................................................
27
Precautions ...........................................................................................................
29
New H7E
Total Counter
• 8-digit
Time Counter
Tachometer
New H7EC
New H7ET
New H7ER
New H7E
@-N@P
PCB-mounting Counter
• Total Counter (8-digit)
• Time Counter (999999.9h)
• 999999.9h/
3999d23.9h
• 999h59min59s/
9999h59.9min
• 1,000 s-1 with
1 pulse/rev. encoder
• 1,000.0 s-1 with
10 pulse/rev. encoder
• 1,000 min-1 with
60 pulse/rev. encoder
• 10,000 min-1 with
60 pulse/rev. encoder
• 1,000.0 min-1 with
600 pulse/rev. encoder


Similar Part No. - H7EC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7EC OMRON-H7EC Datasheet
143Kb / 5P
Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
H7EC-B OMRON-H7EC-B Datasheet
143Kb / 5P
Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
H7EC-BL OMRON-H7EC-BL Datasheet
143Kb / 5P
Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
H7EC-BLM OMRON-H7EC-BLM Datasheet
143Kb / 5P
Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
H7EC-BM OMRON-H7EC-BM Datasheet
143Kb / 5P
Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
More results

Similar Description - H7EC

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
365515 EXTECH-365515 Datasheet
194Kb / 1P
Stopwatch/Clock with Backlit Display
logo
Omron Electronics LLC
H7EC-NV OMRON-H7EC-NV Datasheet
2Mb / 33P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
Y92S-36 OMRON-Y92S-36 Datasheet
2Mb / 33P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-NV-H OMRON-H7EC-NV-H Datasheet
2Mb / 33P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
logo
Applied Concepts Inc.
ACD-2353 ACIPOWER-ACD-2353 Datasheet
324Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
logo
Omron Electronics LLC
H7EC-NFV OMRON-H7EC-NFV Datasheet
1Mb / 13P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
logo
Extech Instruments Corp...
407732 EXTECH-407732_15 Datasheet
180Kb / 1P
Sound Level Meter with Backlit Display
365515 EXTECH-365515_15 Datasheet
194Kb / 1P
Stopwatch/Clock with Backlit Display
logo
Keystone Electronics Co...
2460 KEYSTONE-2460 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com