Electronic Components Datasheet Search
  English  ▼

X  

H7EC Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H7EC
Description  Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7EC Datasheet(HTML) 2 Page - Omron Electronics LLC

  H7EC Datasheet HTML 1Page - Omron Electronics LLC H7EC Datasheet HTML 2Page - Omron Electronics LLC H7EC Datasheet HTML 3Page - Omron Electronics LLC H7EC Datasheet HTML 4Page - Omron Electronics LLC H7EC Datasheet HTML 5Page - Omron Electronics LLC H7EC Datasheet HTML 6Page - Omron Electronics LLC H7EC Datasheet HTML 7Page - Omron Electronics LLC H7EC Datasheet HTML 8Page - Omron Electronics LLC H7EC Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
Self-powered Total Counter
New H7EC
• Eight-digits, counting range 0 to 99999999.
• Dual input speed: 30 Hz
←→ 1 kHz (except for AC/DC multi-
voltage input models)
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Model Number Structure
■ Model Number Legend
Note: Some configurations are not available.
Note: Estimates can be provided for coatings and other specifications that are not given in the datasheet. Ask your OMRON representative for details.
Ordering Information
■ Total Counters
■ Accessories (Order Separately)
Note: 1. Provided with H7EC. (Order additional Brackets separately as required.)
2. Built into H7EC. Order replacements using the above model number before the service life expires.
12
3
H7EC - N
-
1. Count Input
2. Case Color
3. Display
None: No-voltage input
V:
PNP/NPN universal DC voltage input
FV:
AC/DC multi-voltage input
None: Light gray
B:
Black
None: 7-segment LCD without backlight
H:
7-segment LCD with backlight
Count input
Max. counting speed
Display
Model
Light-gray body
Black body
PNP/NPN universal DC
voltage input
(4.5 to 30 VDC)
30 Hz
←→ 1 kHz
(switchable)
7-segment LCD with
backlight
H7EC-NV-H
H7EC-NV-BH
7-segment LCD
H7EC-NV
H7EC-NV-B
AC/DC multi-voltage input
(24 to 240 VAC/VDC)
20 Hz
7-segment LCD
H7EC-NFV
H7EC-NFV-B
No-voltage
30 Hz
←→ 1 kHz
(switchable)
7-segment LCD
H7EC-N
H7EC-N-B
Name
Model
Compact Flush Mounting Bracket
Y92F-35
Flush Mounting Bracket (See note 1)
Y92F-34
Wire-wrap Terminal (set of two Terminals)
Y92S-37
Lithium Battery (See note 2)
Y92S-36
Waterproof Packing (See note 1)
Y92S-32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com