Electronic Components Datasheet Search
  English  ▼

X  

H7EC Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # H7EC
Description  Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7EC Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button H7EC Datasheet HTML 10Page - Omron Electronics LLC H7EC Datasheet HTML 11Page - Omron Electronics LLC H7EC Datasheet HTML 12Page - Omron Electronics LLC H7EC Datasheet HTML 13Page - Omron Electronics LLC H7EC Datasheet HTML 14Page - Omron Electronics LLC H7EC Datasheet HTML 15Page - Omron Electronics LLC H7EC Datasheet HTML 16Page - Omron Electronics LLC H7EC Datasheet HTML 17Page - Omron Electronics LLC H7EC Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
New H7ET
14
Operation
■ Operating Modes
Nomenclature
Note: Perform switch setting before mounting to a control panel.
H7ET Time Counter
Full-scale
Reset
Timer input
Timer display values
Incrementing Operation
(Up)
Internal clock
timer value
(Full-scale
−0.1 (1))
H7ET
Front view
Bottom view
Reset Key
Display Values for a Time Range of ”0.0h to 3999d23.9h”
Key-protect Switch
Time-range switch
Key-protect
Front panel
ON
Terminal block
H7ET-N
@@-@@
Front panel
0.0h to 3999d23.9h
Terminal block
Time range
H7ET-N
@@1-@@
0.0min to 9999h59.9min
If the time-range setting is
changed, the present
value will not be held and
so press the Reset Key on
the front panel.
If the time-range switch is set to ”0.0h to 3999d23.9h,” the four leftmost digits are the number of days and the three rightmost
digits are the number of hours.
The initial value after resetting is 000.00 (0 days, 00.0 hours).
After ”023.9” (0 days, 23.9 hours), the display will change to ”100.0” (1 days, 00.0 hours).
LCD Examples for ”0.0h to 3999d23.9h” Range
Setting
(see note)
0.0h to 999999.9h
(default setting)
0s to 999h59min59s
(default setting)
Setting
(see note)
OFF
(default setting)
Reset the count value. Not operable
under key-protect.
Location to Attach
Unit Label
Attach the correct unit
label for the time range
that is set.
Concave
side
Concave
side
Concave
side
Concave
side
The Reset Key is not operable while the
key-protect switch is set to ON.
d
h
d
h
d
h
After 24
hours, 54
minutes
After 24
hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com