Electronic Components Datasheet Search
  English  ▼

X  

H7EC Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # H7EC
Description  Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7EC Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button H7EC Datasheet HTML 9Page - Omron Electronics LLC H7EC Datasheet HTML 10Page - Omron Electronics LLC H7EC Datasheet HTML 11Page - Omron Electronics LLC H7EC Datasheet HTML 12Page - Omron Electronics LLC H7EC Datasheet HTML 13Page - Omron Electronics LLC H7EC Datasheet HTML 14Page - Omron Electronics LLC H7EC Datasheet HTML 15Page - Omron Electronics LLC H7EC Datasheet HTML 16Page - Omron Electronics LLC H7EC Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
New H7ET
13
Relay
No-voltage Input Model
1. Contact Input (Input by a Relay or Switch Contact)
AC/DC Multi-voltage Input Model
PNP/NPN Universal DC Voltage Input Model Without Backlight
1. Contact Input (Input by a Relay or Switch Contact)
2. Solid-state Input
Relay
Input
Reset
Relay
or Switch
or Switch
Input
Reset
Relay
Relay
Input
Reset
or Switch
or Switch
or Switch
Input
Reset
Relay
Input
Reset
Relay
or Switch
or Switch
Open collector of a
PNP transistor
Open collector of a
PNP transistor
or Open collector of an
NPN transistor
or Open collector of an
NPN transistor
Note: 1. Terminals 2 and 4 (input circuit and reset circuit) are
functionally isolated.
2. Select input transistors according to the following:
Dielectric strength of the collector
≥ 50 V
Leakage current < 1
µA
or Open collector of
an NPN transistor
Terminals 2 and 4 are
internally connected.
Note: Use Relays and Switches that have high contact
reliability because the current flowing from terminals 1
or 3 is as small as approx. 10
µA. It is recommended
that OMRON's G3TA-IA/ID be used as the SSR.
2. Solid-state Input
(Open Collector Input of an NPN Transistor)
Open collector of an
NPN transistor
Open collector of an
NPN transistor
Terminals 2 and 4 are
internally connected.
Note: 1. Residual voltage in the output section of Proximity
Sensors or Photoelectric Sensors becomes less
than 0.5 V because the current flowing from
terminals 1 or 3 is as small as approx. 10
µA, thus
allowing easy connection.
2. Select input transistors according to the following:
Dielectric strength of the collector
≥ 50 V
Leakage current < 1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com