Electronic Components Datasheet Search
  English  ▼

X  

H7EC Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # H7EC
Description  Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7EC Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button H7EC Datasheet HTML 19Page - Omron Electronics LLC H7EC Datasheet HTML 20Page - Omron Electronics LLC H7EC Datasheet HTML 21Page - Omron Electronics LLC H7EC Datasheet HTML 22Page - Omron Electronics LLC H7EC Datasheet HTML 23Page - Omron Electronics LLC H7EC Datasheet HTML 24Page - Omron Electronics LLC H7EC Datasheet HTML 25Page - Omron Electronics LLC H7EC Datasheet HTML 26Page - Omron Electronics LLC H7EC Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
H7E
@-N@P
23
Specifications
■ General
■ Ratings
Note: ON/OFF ratio 1:1
■ Characteristics
Note: The power supply terminals of the H7E
@-N@P are considered as 3-VDC control terminals.
Item
Total Counter
Time Counter
H7EC-NP
H7EC-NLP
H7ET-NP
Operating mode
Up type
Mounting method
Direct mounting on PC Board or mounting on 28-pin socket
Reset
External reset, Power-OFF reset
Number of digits
87
Time range
---
0.0h to 999999.9h
Max. counting speed
1 kHz
30 Hz
---
Count/Timer input
No-voltage input
Display
7-segment LCD (character height: 8.6 mm)
Case color
Transparent
Approved standard
UL863, CSA C22.2 No.14
Item
H7EC-NP
H7EC-NLP
H7ET-NP
Supply voltage
3 VDC (2.7 to 3.3 VDC)
Count/Timer input
No voltage input
Maximum short-circuit impedance: 10 k
Ω max.
Short-circuit residual voltage: 0.5 V max.
Minimum open impedance: 750 k
Ω min.
Reset input
Max. counting speed (see note)
1 kHz: Minimum signal width of 0.5 ms
30 Hz: Minimum signal width of 16.7 ms
---
Minimum signal input width
---
1 s
Reset system
External reset: Minimum signal width of 20 ms
Power-OFF reset: Minimum power OFF time of 500 ms
Ambient temperature
Operating: –10
°C to 55°C (with no condensation or icing)
Storage:
–25
°C to 65°C (with no condensation or icing)
Ambient humidity
Operating: 25% to 85%
Item
H7EC-NP
H7EC-NLP
H7ET-NP
Time accuracy
---
±100 ppm (25°C)
Noise immunity
Square-wave noise generated by noise simulator (pulse width: 100 ns/1
µs, 1-ns rise)
±500 V (Between count or timer input terminals/Between reset terminals)
Static immunity
±8 kV (malfunction)
Vibration resistance
Malfunction:0.15-mm single amplitude at 10 to 55 Hz for 10 min each in 3 directions
Destruction:0.375-mm single amplitude at 10 to 55 Hz for 2 hrs each in 3 directions
Shock resistance
Malfunction:200 m/s2 3 times each in 6 directions
Destruction:300 m/s2 3 times each in 6 directions
EMC
(EMI)
EN61326
Emission Enclosure:
EN55011 Group 1 class B
(EMS)
EN61326
Immunity ESD:
EN61000-4-2: 4-kV contact discharge (level 2)
8-kV air discharge (level 3)
Immunity RF-interference from AM Radio Waves:
EN61000-4-3: 10 V/m (80 MHz to 1 GHz) (level 3)
Immunity RF-interference from Pulse-modulated Radio Waves:
EN61000-4-3: 10 V/m (900 MHz
± 5 MHz) (level 3)
Immunity Conducted Disturbance (see note):EN61000-4-6: 10 V (0.15 to 80 MHz) (level 3)
Immunity Burst (see note):
EN61000-4-4: 2-kV I/O signal line (level 4)
Weight
Approx. 20 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com