Electronic Components Datasheet Search
  English  ▼

X  

80960SA Datasheet(PDF) 15 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 15 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 11Page - Intel Corporation 80960SA Datasheet HTML 12Page - Intel Corporation 80960SA Datasheet HTML 13Page - Intel Corporation 80960SA Datasheet HTML 14Page - Intel Corporation 80960SA Datasheet HTML 15Page - Intel Corporation 80960SA Datasheet HTML 16Page - Intel Corporation 80960SA Datasheet HTML 17Page - Intel Corporation 80960SA Datasheet HTML 18Page - Intel Corporation 80960SA Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
11
80960SA
2.0
ELECTRICAL SPECIFICATIONS
2.1
Power and Grounding
The
80960SA
is
implemented
in
CHMOS
IV
technology and therefore has modest power require-
ments. Its high clock frequency and numerous output
buffers (address/data, control, error and arbitration
signals) can cause power surges as multiple output
buffers simultaneously drive new signal levels. For
clean on-chip power distribution, VCC and VSS pins
separately feed the device’s functional units. Power
and ground connections must be made to all
80960SA power and ground pins. On the circuit
board, all VCC pins must be strapped closely
together, preferably on a power plane; all VSS pins
should be strapped together, preferably on a ground
plane.
2.2
Power Decoupling
Recommendations
Place a liberal amount of decoupling capacitance
near the 80960SA. When driving the bus the
processor can cause transient power surges, partic-
ularly when connected to a large capacitive load.
Low inductance capacitors and interconnects are
recommended for best high frequency electrical
performance. Inductance is reduced by shortening
board traces between the processor and decoupling
capacitors as much as possible.
2.3
Connection Recommendations
For reliable operation, always connect unused inputs
to an appropriate signal level. In particular, if one or
more interrupt lines are not used, they should be
pulled up. No inputs should ever be left floating.
The LOCK open-drain pin requires a pullup resistor
whether or not the pin is used as an output. Figure 5
shows the recommended resistor value.
Do not connect external logic to pins marked NC.
Figure 5. Connection Recommendation
for LOCK
2.4
Characteristic Curves
Figure 6 shows typical supply current requirements
over
the
operating
temperature
range
of
the
processor at supply voltage (VCC) of 5V. Figure 7
shows the typical power supply current (ICC) that the
80960SA requires at various operating frequencies
when measured at three input voltage (VCC) levels.
For a given output current (IOL) the curve in Figure 8
shows the worst case output low voltage (VOL).
Figure 9 shows the typical capacitive derating curve
for the 80960SA measured from 1.5V on the system
clock (CLK) to 0.8V on the falling edge and 2.0V on
the rising edge of the bus address/data (AD) signals.
910
VCC
OPEN-DRAIN
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com