Electronic Components Datasheet Search
  English  ▼

X  

80C188EC13 Datasheet(PDF) 15 Page - Intel Corporation

Part # 80C188EC13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EC13 Datasheet(HTML) 15 Page - Intel Corporation

Back Button 80C188EC13 Datasheet HTML 11Page - Intel Corporation 80C188EC13 Datasheet HTML 12Page - Intel Corporation 80C188EC13 Datasheet HTML 13Page - Intel Corporation 80C188EC13 Datasheet HTML 14Page - Intel Corporation 80C188EC13 Datasheet HTML 15Page - Intel Corporation 80C188EC13 Datasheet HTML 16Page - Intel Corporation 80C188EC13 Datasheet HTML 17Page - Intel Corporation 80C188EC13 Datasheet HTML 18Page - Intel Corporation 80C188EC13 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
80C186EC188EC 80L186EC188EC
Pinout
Tables 3 and 4 list the pin names with package loca-
tion for the 100-pin Plastic Quad Flat Pack (PQFP)
component Figure 4 depicts the PQFP package as
viewed from the top side of the component (ie con-
tacts facing down)
Tables 5 and 6 list the pin names with package loca-
tion for the 100-pin EIAJ Quad Flat Pack (QFP) com-
ponent Figure 5 depicts the QFP package as viewed
from the top side of the component (ie contacts
facing down)
Tables 7 and 8 list the pin names with package loca-
tion for the 100-pin Shrink Quad Flat Pack (SQFP)
component Figure 6 depicts the SQFP package as
viewed from the top side of the component (ie con-
tacts facing down)
Table 3 PQFP Pin Functions with Location
AD Bus
Name
Pin
AD0
73
AD1
72
AD2
71
AD3
70
AD4
66
AD5
65
AD6
64
AD7
63
AD8 (A8)
60
AD9 (A9)
59
AD10 (A10)
58
AD11 (A11)
57
AD12 (A12)
56
AD13CAS0
55
(A13CAS0)
AD14CAS1
54
(A14CAS1)
AD15CAS2
53
(A15CAS2)
A16S3
77
A17S4
76
A18S5
75
A19S6ONCE
74
Bus Control
Name
Pin
ALE
52
BHE (RFSH)51
S0
78
S1
79
S2
80
RD
50
WR
49
READY
85
DEN
47
DTR
46
LOCK
48
HOLD
44
HLDA
45
INTA
34
Power and Ground
Name
Pin
VCC
13
VCC
14
VCC
38
VCC
62
VCC
67
VCC
69
VCC
86
VSS
12
VSS
15
VSS
37
VSS
39
VSS
61
VSS
68
VSS
87
Processor Control
Name
Pin
RESIN
8
RESOUT
7
CLKIN
10
OSCOUT
11
CLKOUT
6
TEST BUSY
83
(TEST)
PEREQ (VSS)81
NCS (NC)
35
ERROR (VCC)84
PDTMR
9
NMI
82
INT0
30
INT1
31
INT2
32
INT3
33
INT4
40
INT5
41
INT6
42
INT7
43
IO
Name
Pin
UCS
88
LCS
89
P17GCS7
90
P16GCS6
91
P15GCS5
92
P14GCS4
93
P13GCS3
94
P12GCS2
95
P11GCS1
96
P10GCS0
97
P27CTS1
23
P26BCLK1
22
P25TXD1
21
P24RXD1
20
P23CTS0
19
P22BCLK0
18
P21TXD0
17
P20RXD0
16
P35
29
P34
28
P33DMAI1
27
P32DMAI0
26
P31TXI1
25
P30RXI1
24
T0IN
3
T0OUT
2
T1IN
5
T1OUT
4
DRQ0
98
DRQ1
99
DRQ2
100
DRQ3
1
WDTOUT
36
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com