Electronic Components Datasheet Search
  English  ▼

X  

80C188EC13 Datasheet(PDF) 24 Page - Intel Corporation

Part # 80C188EC13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EC13 Datasheet(HTML) 24 Page - Intel Corporation

Back Button 80C188EC13 Datasheet HTML 20Page - Intel Corporation 80C188EC13 Datasheet HTML 21Page - Intel Corporation 80C188EC13 Datasheet HTML 22Page - Intel Corporation 80C188EC13 Datasheet HTML 23Page - Intel Corporation 80C188EC13 Datasheet HTML 24Page - Intel Corporation 80C188EC13 Datasheet HTML 25Page - Intel Corporation 80C188EC13 Datasheet HTML 26Page - Intel Corporation 80C188EC13 Datasheet HTML 27Page - Intel Corporation 80C188EC13 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
80C186EC188EC 80L186EC188EC
Package Thermal Specifications
The 80C186EC80L186EC is specified for operation
when TC (the case temperature) is within the range
of b40 Cto a100 C TC may be measured in any
environment to determine whether the processor is
within the specified operating range The case tem-
perature must be measured at the center of the top
surface
TA (the ambient temperature) can be calculated
from iCA (thermal resistance from the case to ambi-
ent) with the following equation
TA e TC b P
iCA
Typical values for iCA at various airflows are given
in Table 9 P (the maximum power consumption
specified in Watts) is calculated by using the maxi-
mum ICC and VCC of 55V
Table 9 Thermal Resistance (iCA) at Various Airflows (in CWatt)
Airflow in ftmin (msec)
0
200
400
600
800
1000
(0)
(101)
(203)
(304)
(406)
(507)
iCA (PQFP)
270
220
180
150
140
135
iCA (QFP)
645
555
510
TBD
TBD
TBD
iCA (SQFP)
620
TBD
TBD
TBD
TBD
TBD
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com