Electronic Components Datasheet Search
  English  ▼

X  

80C188EC13 Datasheet(PDF) 26 Page - Intel Corporation

Part # 80C188EC13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EC13 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 80C188EC13 Datasheet HTML 22Page - Intel Corporation 80C188EC13 Datasheet HTML 23Page - Intel Corporation 80C188EC13 Datasheet HTML 24Page - Intel Corporation 80C188EC13 Datasheet HTML 25Page - Intel Corporation 80C188EC13 Datasheet HTML 26Page - Intel Corporation 80C188EC13 Datasheet HTML 27Page - Intel Corporation 80C188EC13 Datasheet HTML 28Page - Intel Corporation 80C188EC13 Datasheet HTML 29Page - Intel Corporation 80C188EC13 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
80C186EC188EC 80L186EC188EC
DC SPECIFICATIONS (80C186EC80C188EC)
Symbol
Parameter
Min
Max
Units
Notes
VCC
Supply Voltage
45
55
V
VIL
Input Low Voltage
b
05
03 VCC
V
VIH
Input High Voltage
07 VCC
VCC a 05
V
VOL
Output Low Voltage
045
V
IOL e 3 mA (Min)
VOH
Output High Voltage
VCC b 05
V
IOH eb2 mA (Min)
VHYR
Input Hysteresis on RESIN
05
V
ILI
Input Leakage Current for Pins
g
15
m
A0 s VIN s VCC
AD150 (AD70 A158) READY
HOLD RESIN
CLKIN TEST BUSY NMI INT70
T0IN T1IN P27 – P20 P35 – P30
DRQ30 PEREQ ERROR
ILIU
Input Leakage for Pins with Pullups
b
0275
b
5mA
VIN e 07 VCC
Active During Reset
(Note 1)
A1916 LOCK
ILO
Output Leakage for Floated Output
g
15
m
A
045 s VOUT s VCC
Pins
(Note 2)
ICC
Supply Current Cold (in RESET)
80C186EC25
125
mA
(Notes 3 7)
80C186EC20
100
mA
(Note 3)
80C186EC13
70
mA
(Note 3)
IID
Supply Current in Idle Mode
80C186EC25
92
mA
(Notes 4 7)
80C186EC20
76
mA
(Note 4)
80C186EC13
50
mA
(Note 4)
IPD
Supply Current in Powerdown Mode
80C186EC25
100
m
A
(Notes 5 7)
80C186EC20
100
m
A
(Note 5)
80C186EC13
100
m
A
(Note 5)
CIN
Input Pin Capacitance
0
15
pF
TF e 1 MHz
COUT
Output Pin Capacitance
0
15
pF
TF e 1 MHz (Note 6)
NOTES
1 These pins have an internal pull-up device that is active while RESIN is low and ONCE Mode is not active Sourcing more
current than specified (on any of these pins) may invoke a factory test mode
2 Tested by outputs being floated by invoking ONCE Mode or by asserting HOLD
3 Measured with the device in RESET and at worst case frequency VCC and temperature with ALL outputs loaded as
specified in AC Test Conditions and all floating outputs driven to VCC or GND
4 Measured with the device in HALT (IDLE Mode active) and at worst case frequency VCC and temperature with ALL
outputs loaded as specified in AC Test Conditions and all floating outputs driven to VCC or GND
5 Measured with the device in HALT (Powerdown Mode active) and at worst case frequency VCC and temperature with
ALL
outputs loaded as specified in AC Test Conditions and all floating outputs driven to VCC or GND
6 Output Capacitance is the capacitive load of a floating output pin
7 Operating conditions for 25 MHz is 0 Cto a70 C VCC e 50 g10%
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com