Electronic Components Datasheet Search
  English  ▼

X  

80C188EC13 Datasheet(PDF) 25 Page - Intel Corporation

Part # 80C188EC13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EC13 Datasheet(HTML) 25 Page - Intel Corporation

Back Button 80C188EC13 Datasheet HTML 21Page - Intel Corporation 80C188EC13 Datasheet HTML 22Page - Intel Corporation 80C188EC13 Datasheet HTML 23Page - Intel Corporation 80C188EC13 Datasheet HTML 24Page - Intel Corporation 80C188EC13 Datasheet HTML 25Page - Intel Corporation 80C188EC13 Datasheet HTML 26Page - Intel Corporation 80C188EC13 Datasheet HTML 27Page - Intel Corporation 80C188EC13 Datasheet HTML 28Page - Intel Corporation 80C188EC13 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
80C186EC188EC 80L186EC188EC
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Storage Temperature
b
65 Cto a150 C
Case Temperature Under Bias
b
65 Cto a100 C
Supply Voltage
with Respect to VSS
b
05V to a65V
Voltage on Other Pins
with Respect to VSS
b
05V to VCC a 05V
NOTICE This data sheet contains preliminary infor-
mation on new products in production The specifica-
tions are subject to change without notice Verify with
your local Intel Sales office that you have the latest
data sheet before finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
Recommended Connections
Power and ground connections must be made to
multiple VCC and VSS pins Every 80C186EC-based
circuit board should include separate power (VCC)
and ground (VSS) planes Every VCC pin must be
connected to the power plane and every VSS pin
must be connected to the ground plane Liberal de-
coupling capacitance should be placed near the
processor The processor can cause transient pow-
er surges when its output buffers transition particu-
larly when connected to large capacitive loads
Low inductance capacitors and interconnects are
recommended for best high frequency electrical per-
formance Inductance is reduced by placing the de-
coupling capacitors as close as possible to the proc-
essor VCC and VSS package pins
Always connect any unused input to an appropriate
signal level In particular unused interrupt inputs
(NMI INT07) should be connected to VSS through a
pull-down resistor Leave any unused output pin un-
connected
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com