Electronic Components Datasheet Search
  English  ▼

X  

80C188EC13 Datasheet(PDF) 56 Page - Intel Corporation

Part # 80C188EC13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EC13 Datasheet(HTML) 56 Page - Intel Corporation

Back Button 80C188EC13 Datasheet HTML 49Page - Intel Corporation 80C188EC13 Datasheet HTML 50Page - Intel Corporation 80C188EC13 Datasheet HTML 51Page - Intel Corporation 80C188EC13 Datasheet HTML 52Page - Intel Corporation 80C188EC13 Datasheet HTML 53Page - Intel Corporation 80C188EC13 Datasheet HTML 54Page - Intel Corporation 80C188EC13 Datasheet HTML 55Page - Intel Corporation 80C188EC13 Datasheet HTML 56Page - Intel Corporation 80C188EC13 Datasheet HTML 57Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
80C186EC188EC 80L186EC188EC
INSTRUCTION SET SUMMARY (Continued)
80C186EC
80C188EC
Function
Format
Clock
Clock
Comments
Cycles
Cycles
PROCESSOR CONTROL
CLC e
Clear carry
11111000
2
2
CMC e
Complement carry
11110101
2
2
STC e
Set carry
11111001
2
2
CLD e
Clear direction
11111100
2
2
STD e
Set direction
11111101
2
2
CLI e
Clear interrupt
11111010
2
2
STI e
Set interrupt
11111011
2
2
HLT e
Halt
11110100
2
2
WAIT e
Wait
10011011
6
6
if TEST e 0
LOCK e
Bus lock prefix
11110000
2
2
NOP e
No Operation
10010000
3
3
(TTT LLL are opcode to processor extension)
Shaded areas indicate instructions not available in 80868088 microsystems
NOTE
Clock cycles shown for byte transfers for word operations add 4 clock cycles for all memory transfers
The Effective Address (EA) of the memory operand
is computed according to the mod and rm fields
if mod e 11 then rm is treated as a REG field
if mod e 00 then DISP e 0
disp-low and disp-
high are absent
if mod e 01 then DISP e disp-low sign-extended
to 16-bits disp-high is absent
if mod e 10 then DISP e disp-high disp-low
if rm e 000 then EA e (BX) a (SI) a DISP
if rm e 001 then EA e (BX) a (DI) a DISP
if rm e 010 then EA e (BP) a (SI) a DISP
if rm e 011 then EA e (BP) a (DI) a DISP
if rm e 100 then EA e (SI) a DISP
if rm e 101 then EA e (DI) a DISP
if rm e 110 then EA e (BP) a DISP
if rm e 111 then EA e (BX) a DISP
DISP follows 2nd byte of instruction (before data if
required)
except if mod e 00 and rm e 110 then EA e
disp-high disp-low
EA calculation time is 4 clock cycles for all modes
and is included in the execution times given whenev-
er appropriate
Segment Override Prefix
0
0
1
reg
1
1
0
reg is assigned according to the following
Segment
reg
Register
00
ES
01
CS
10
SS
11
DS
REG is assigned according to the following table
16-Bit (w e 1)
8-Bit (w e 0)
000 AX
000 AL
001 CX
001 CL
010 DX
010 DL
011 BX
011 BL
100 SP
100 AH
101 BP
101 CH
110 SI
110 DH
111 DI
111 BH
The physical addresses of all operands addressed
by the BP register are computed using the SS seg-
ment register The physical addresses of the desti-
nation operands of the string primitive operations
(those addressed by the DI register) are computed
using the ES segment which may not be overridden
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com