Electronic Components Datasheet Search
  English  ▼

X  

W78IRD2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # W78IRD2
Description  8-BIT MICROCONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W78IRD2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button W78IRD2 Datasheet HTML 9Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 10Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 11Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 12Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 13Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 14Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 15Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 16Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
W78IRD2
Publication Release Date: October 2, 2006
- 13 -
Revision A7
Timer 1 MSB
Bit:
7
6
5
4
3
2
1
0
TH1.7
TH1.6
TH1.5
TH1.4
TH1.3
TH1.2
TH1.1
TH1.0
Mnemonic: TH1
Address: 8Dh
TH1.7-0: Timer 1 High byte
Auxiliary Register
Bit:
7
6
5
4
3
2
1
0
-
-
-
-
-
-
EXTRAM ALEOFF
Mnemonic: AUXR
Address: 8Eh
BIT
NAME
FUNCTION
7~2
-
Reserve
1
EXTRAM
0 = Enable AUX-RAM
1 = Disable AUX-RAM
0
ALEOFF
0: ALE expression is enabled.
1: ALE expression is disabled.
Port 1
Bit:
7
6
5
4
3
2
1
0
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
Mnemonic: P1
Address: 90h
P1.7-0: General-purpose input/output port. Port-read instructions read the port pins, while read-modify-
write instructions read the port latch.
Port 4.1 Low Address Comparator
Bit:
7
6
5
4
3
2
1
0
P41AL.7 P41AL.6 P41AL.5 P41AL.4 P41AL.3 P41AL.2 P41AL.1 P41AL.0
Mnemonic: P41AL
Address: 94h
Port 4.1 High Address Comparator
Bit:
7
6
5
4
3
2
1
0
P41AH.7 P41AH.6 P41AH.5 P41AH.4 P41AH.3 P41AH.2 P41AH.1 P41AH.0
Mnemonic: P41AH
Address: 95h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com