Electronic Components Datasheet Search
  English  ▼

X  

W78IRD2 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # W78IRD2
Description  8-BIT MICROCONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W78IRD2 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button W78IRD2 Datasheet HTML 42Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 43Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 44Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 45Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 46Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 47Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 48Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 49Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
W78IRD2
- 46 -
CMOD(D8H): PCA counter mode register
BIT
NAME
FUNCTION
7
CILD
Counter idle control: CILD = 0 programs the PCA Counter to continue functioning
in idle mode; CILD = 1 programs it to stop in idle mode.
6
WDTE
Watchdog Timer Enable: WDTE = 0 disables the Watchdog Timer function in
PCA module 4. WDTE = 1 enables it.
5
-
Reserved
4
-
Reserved
3
-
Reserved
2
CPS1
PCA Count Pulse Select bit 1
1
CPS0
PCA Count Pulse Select bit 0
0
ECF
PCA Enable Counter Overflow interrupt: ECF = 1 enables CF bit in CCON to
generate an interrupt. ECF = 0 disables the interrupt.
There are three additional bits in the CMOD SFR. CILD allows the PCA to stop during idle mode,
WDTE enables and disables the watchdog function executed in module 4, and ECF causes an
interrupt when the PCA timer overflows (and the PCA overflow flag CF is set).
The CCON SFR contains the run-control bit for the PCA and the flags for the PCA timer overflow (CF)
and each module match / capture (CCFn).
CCON(D8H): PCA counter control register
BIT
NAME
FUNCTION
7
CF
PCA Counter Overflow flag. Set by hardware when the counter rolls over. CF
generates an interrupt if bit ECF in CMOD is set. CF may be set by either
hardware or software but can only be cleared by software.
6
CR
PCA Counter Run control bit. Set by software to turn on the PCA counter. Must be
cleared by software to turn the PCA counter off.
5
-
Reserved
4
CCF4
PCA Module4 interrupt flag. Set by hardware when a match or capture occurs.
Must be cleared by software.
3
CCF3
PCA Module3 interrupt flag. Set by hardware when a match or capture occurs.
Must be cleared by software.
2
CCF2
PCA Module2 interrupt flag. Set by hardware when a match or capture occurs.
Must be cleared by software.
1
CCF1
PCA Module1 interrupt flag. Set by hardware when a match or capture occurs.
Must be cleared by software.
0
CCF0
PCA Module0 interrupt flag. Set by hardware when a match or capture occurs.
Must be cleared by software.
The CR bit (CCON.6) must be set by the software, and the PCA is turned off by clearing this bit. The
CF bit (CCON.7) is set when the PCA Counter overflows, and an interrupt is generated if the ECF bit in
the CMOD register is set. The CF bit can only be cleared by software. CCON.0~CCON.4 are the flags
for the modules and are set by hardware when either a match or a capture occurs. These flags can
only be cleared by software.
The next five sections provide more information about each of the five modes (four modes for all
registers and the watchdog timer in module 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com