| Electronic Components Datasheet Search |
|
W78IRD2 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
W78IRD2 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers |
|
45 / 76 page ![]() W78IRD2 Publication Release Date: October 2, 2006 - 45 - Revision A7 MODULE FUNCTION ECOMN CAPPN CAPNN MATN TOGN PWMN ECCFN No operation 0 0 0 0 0 0 0 16-bit capture by a positive edge trigger on CEXn X 1 0 0 0 0 X 16-bit capture by a negative trigger on CEXn X 0 1 0 0 0 X 16-bit capture by a transition on CEXn X 1 1 0 0 0 X 16-bit Software Timer 1 0 0 1 0 0 X 16-bit High Speed Output 1 0 0 1 1 0 X 8-bit PWM 1 0 0 0 0 1 0 Watchdog Timer (only in module4) 1 0 0 1 X 0 X PCA Module Modes (CCAPMn Register) PWM enables pulse width modulation. The TOG bit causes the output CEXn to toggle when there is a match between the PCA counter and the module’s compare/capture register. The match bit MAT causes the CCF bit in the CCON register to be set when there is a match between the PCA counter and the module’s compare/capture register, and the ECCF bit enables the CCF flag to generate an interrupt. The bits CAPP and CAPN determine whether positive and negative edges, respectively, are captured. The bit ECOM enables the comparator function. The PCA Timer is the common time-base for all five modules and can be programmed to select the appropriate timer source. The default value is 12 clocks (12T) per machine cycle, and 6T can also be selected by a bit in the options registers. The actual timer is then determined by the CPS1 and CPS2 bits in the CMOD SFR, as follows: CPS1 CPS0 PCA TIMER COUNT SOURCE FOR 12T PCA TIMER COUNT SOURCE FOR 6T 0 0 Oscillator frequency / 12 Oscillator frequency / 6 0 1 Oscillator frequency / 4 Oscillator frequency / 2 1 0 Timer 0 overflow Timer 0 overflow 1 1 External input at ECI pin External input at ECI pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |